Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 17 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 17 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology RM024 Datasheet HTML 17Page - Laird Tech Smart Technology RM024 Datasheet HTML 18Page - Laird Tech Smart Technology RM024 Datasheet HTML 19Page - Laird Tech Smart Technology RM024 Datasheet HTML 20Page - Laird Tech Smart Technology RM024 Datasheet HTML 21Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
17
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
4 REFLOW PARAMETERS
Laird’s surface mount modules are designed to be easily manufactured, including reflow soldering to a PCB.
Ultimately, it is the responsibility of the customer to choose the appropriate solder paste and to ensure oven
temperatures during reflow meet the requirements of the solder paste. Laird’s surface-mount modules conform
to J-STD-020D1 standards for reflow temperatures.
IMPORTANT: During reflow, modules should not be above 260°C and not for more than 30 seconds.
Figure 6: Recommended reflow temperature
Temperatures should not exceed the minimums or maximums presented in Figure 6.
Table 6: Reflow temperatures
Specification
Value
Unit
Temperature increase/decrease rate (maximum)
3
°C/Second
Temperature decrease rate (goal)
2-3
°C/Second
Soak temperature increase rate (goal)
.5-1
°C/Second
Flux soak period (minimum)
60
Seconds
Flux soak period (maximum)
90
Seconds
Flux soak temperature (minimum)
150
°C
Flux soak temperature (maximum)
190
°C
Time above liquidus (maximum)
60
Seconds
Time above liquidus (minimum)
20
Seconds
Time in target reflow range (goal)
30
Seconds
Time at absolute peak (maximum)
30
Seconds
Liquidus temperature (SAC305)
217
°C
Lower target reflow temperature
225
°C
Upper target reflow temperature
250
°C
Absolute peak temperature
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com