Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology RM024 Datasheet HTML 11Page - Laird Tech Smart Technology RM024 Datasheet HTML 12Page - Laird Tech Smart Technology RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology RM024 Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
13
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.1.10 PWM Output
PWM output can be configured to output on any of three pins (SMT Pins 5, 6, or 7). The PWM Output can
optionally produce a pulse width modulation for RSSI with a period of 39.3846 µS.
3 MECHANICAL CONSIDERATIONS
3.1 Mechanical Drawing
The pluggable versions of the RM024 consist of the surface mount RM024 on a pluggable adapter board.
RM024 –C versions, which only feature an U.FL connector and no integrated antenna, are the same dimensions
as in the mechanical drawings below (Figure 3 and Figure 4) with the stub for the antenna connector removed.
For the surface mount units, this means the module is 32.38 mm long. For the pluggable units, the module is
33.02 mm long.
Note on Mechanical Drawings:
All dimensions are in millimeters
PC board material is 0.79 mm thick FR4
Provide clearance of at least 1.5 mm around the module to be free of other components and features
Module should not exceed 260˚C during reflow soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com