Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 4Page - Laird Tech Smart Technology RM024 Datasheet HTML 5Page - Laird Tech Smart Technology RM024 Datasheet HTML 6Page - Laird Tech Smart Technology RM024 Datasheet HTML 7Page - Laird Tech Smart Technology RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology RM024 Datasheet HTML 11Page - Laird Tech Smart Technology RM024 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
8
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
SMT Pin
Pluggable Pin
Type
Signal Name
Functions
not be permanently pulled Low during
normal operation.
13
14
I
GIO_4
Generic Input
14
5
I
µP_Reset
Reset – Controlled by the RM024 for power-on
reset if left unconnected. After a stable power-on
reset, a logic low pulse resets the transceiver.
15
11
I
CMD/Data
When logic Low, the transceiver interprets
incoming OEM host data as command data. When
logic High, the transceiver interprets OEM host
data as transmit data.
16
15
O
In Range
When logic Low, the client is in range and
synchronized with a server. This is always Low on a
server.
17
16
I
RTS
Request to Send – Floats high if left unconnected.
When enabled in EEPROM, the module will not
transmit Serial UART data to the OEM Host unless
this pin is Low.
18
12
O
CTS
Clear to Send – CTS is used for hardware flow
control indication to the OEM Host. CTS toggles
high when the Serial UART RX input buffer reaches
the CTS On threshold and remains high until the
buffer recedes below the CTS Off threshold.
19
18
GIO_8
Generic Input
20
13
GIO_5
Reserved for future use. Do not connect.
21
4
GIO_6
Reserved for future use. Do not connect.
22
20
I
GIO_7
Analog to Digital input
Tips:
All I/O directions are referenced to Vcc.
All inputs are weakly pulled High via a 20 k Ohm pull-up resistor and may be left floating during normal
operation.
Minimum connections: VCC, VPA, GND, TXD, and RXD.
Signal direction is with respect to the transceiver.
Leave unused pins disconnected.
1.4 Input Characteristics
Table 3: Input characteristics
Signal Name
High Min.
High Max.
Low Min.
Low Max.
µP_Reset
0.8 v
Vcc
0 v
0.6 v
RTS
2.31 v
Vcc
0 v
.99 v
AD_In
N/A
Vcc
0 v
N/A
All other inputs
70% Vcc
Vcc
0 v
30% Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com