Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 18 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 18 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology RM024 Datasheet HTML 17Page - Laird Tech Smart Technology RM024 Datasheet HTML 18Page - Laird Tech Smart Technology RM024 Datasheet HTML 19Page - Laird Tech Smart Technology RM024 Datasheet HTML 20Page - Laird Tech Smart Technology RM024 Datasheet HTML 21Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
18
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
5 ORDERING INFORMATION
5.1 Product Part Numbers
RM024 Part Number
Form Factor
Maximum Tx Power
Antenna
EERPOM Product ID
RM024-S125-C-30
SMT
125 mW
U.FL Jack
RM024125C30
RM024-S125-M-30
SMT
125 mW
U.FL or Chip
RM024125M30
RM024-P125-C-30
Pluggable
125 mW
U.FL Jack
RM024125C30
RM024-P125-M-30
Pluggable
125 mW
U.FL or Chip
RM024125M30
RM024-S10-C-30
SMT
10 mW (CE)
U.FL Jack
RM02410C30
RM024-S10-M-30
SMT
10 mW (CE)
U.FL or Chip
RM02410M30
RM024-P10-C-30
Pluggable
10 mW (CE)
U.FL Jack
RM02410C30
RM024-P10-M-30
Pluggable
10 mW (CE)
U.FL or Chip
RM02410M30
Developer Kit Part Number
Description
DVK-RM024-CE
RM024 Developer Kit, Pluggable, 3.3V TTL Serial, 10 mW, Multiple Antennas,
CE Approved
DVK-RM024-FCC
RM024 Developer Kit, Pluggable, 3.3V TTL Serial, 125mW, Multiple Antenna
6 REGULATORY INFORMATION
6.1 FCC/IC Requirements for Modular Approval
6.1.1 Agency Identification Numbers
Product Family
US/FCC
Canada/IC
RM024
KQL-RM024
2268C-RM024
6.1.2 RM024 Family
Part Number *
Form Factor
Tx Output
Antenna
RM024-S125-C-XX
Surface Mount
125 mW
U.FL
RM024-S125-M-XX
Surface Mount
125 mW
U.FL or Chip
RM024-P125-C-XX
Pluggable
125 mW
U.FL
RM024-P125-M-XX
Pluggable
125 mW
U.FL or Chip
RM024-S10-C-XX
Surface Mount
10 mW
U.FL
RM024-S10-M-XX
Surface Mount
10 mW
U.FL or Chip
RM024-P10-C-XX
Pluggable
10 mW
U.FL
RM024-P10-M-XX
Pluggable
10 mW
U.FL or Chip
* The last two slots (XX) in the Part Number column are used for custom setups. They can be values ranging from 01-99, aa-zz.
Currently, these values are -30, for FW version 3.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com