Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  RM024 Datasheet HTML 1Page - Laird Tech Smart Technology RM024 Datasheet HTML 2Page - Laird Tech Smart Technology RM024 Datasheet HTML 3Page - Laird Tech Smart Technology RM024 Datasheet HTML 4Page - Laird Tech Smart Technology RM024 Datasheet HTML 5Page - Laird Tech Smart Technology RM024 Datasheet HTML 6Page - Laird Tech Smart Technology RM024 Datasheet HTML 7Page - Laird Tech Smart Technology RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
5
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
1 RAMP MODULES
Laird RAMP (Range Amplified MultiPoint) modules are designed to provide robust wireless communications for
any number of applications requiring a wireless transport for serial data. RAMP modules feature a Frequency
Hopping Spread Spectrum (FHSS) protocol for excellent interference and multipath immunity. RAMP modules
server/client architecture allows for more than 16 million clients to be addressed and communicating within the
network.
The RM024 RAMP module improves upon Laird’s 2.4 GHz RAMP predecessors by lowering power consumption
through the use of three different sleep mode options, an improved link budget, the ability for close proximity
operation at low power, and the inclusion of a switchable antenna output (RM024-xxxx-M-yy versions only).
The RM024 is available in two versions:
RM024-S125-x-xx/RM024-P125-x-xx – Contains 125 mW maximum conducted output power which is
approved for North American and similar markets.
RM024-S10-x-xx/RM024-P10-x-xx – Contains 10 mW maximum conducted output power which is
approved for European and similar markets.
These modules are identical except for output power, transmit power consumption, and the number of RF
channels available. Differences between the two versions, where applicable, are denoted based on part number.
This document contains information about the hardware and software interface between a Laird RM024
transceiver and an OEM host. Information includes the theory of operation, specifications, interface definitions,
and mechanical drawings.
Note:
Unless mentioned specifically by name, the RM024 modules are referred to as module, radio, or
transceiver. Individual naming is used to differentiate product specific features. The host
(PC/microcontroller/any device to which the RM024 module is connected) is referred to as OEM
host or host.
1.1 Key Features
Retries and acknowledgements
Configurable network parameters
Multiple generic I/O
280 kbps or 500 kbps RF data stream
Idle current draw of 9.5 mA, sleep current of <1 uA (varies depending on sleep mode)
Software-selectable interface baud ranging from 1200 bps to 230.4 kbps
Upgradable FW through serial port
Low cost, low power, and small size ideal for high volume, portable, and battery powered applications
All modules are qualified for Industrial temperatures (-40°C to 85°C)
Advanced configuration available using Laird’s Command Interface
Easy-to-use Laird Configuration and Test Utility software
Switchable antenna output, either integrated antenna or external antenna through U.FL (RM024-S125-M,
RM024-P125-M, RM024-S10-M, and RM024-P10-M radios only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com