Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 2Page - Laird Tech Smart Technology RM024 Datasheet HTML 3Page - Laird Tech Smart Technology RM024 Datasheet HTML 4Page - Laird Tech Smart Technology RM024 Datasheet HTML 5Page - Laird Tech Smart Technology RM024 Datasheet HTML 6Page - Laird Tech Smart Technology RM024 Datasheet HTML 7Page - Laird Tech Smart Technology RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
6
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
1.2 Detailed Specification
Table 1: Specifications table
General
Form Factor
SMD-ANT+U.FL, Pluggable-ANT+U.FL, SMD-U.FL, Pluggable-U.FL
Antenna
Dual antenna with integrated antenna and U.FL or
External antenna through U.FL connector
Serial Interface Data Rate
Baud rates from 1200 to 230400. Non-standard baud rates are also
supported.
Channels
FCC – 42 or 78 selectable channels
CE – 42 selectable channels
Security
Channelization, System ID, Vendor ID, and Extended System ID
Minimum Flash (EEPROM) Memory
Endurance
1000 Write/Erase cycles
Transceiver
Frequency Band
2400-2483.5 MHz
RF Data Rate (Raw)
280 kbps or 500 kbps selectable
Hop Bin Spacing
900 kHz over 79 hops
1500 kHz over 43 hops
RF Technology
Frequency Hopping Spread Spectrum
Modulation
MSK
Maximum Output Power
Conducted1
FCC – +5 to +21 dBm (selectable)
CE – +3.5 to +10 dBm (not selectable)
Supply Voltage
2.3-3.6 V ± 50 mV ripple
Current Draw
RM024 Version
FCC (125 mW)
CE (10 mW)
Tx Burst
136 mA
40 mA
Rx Active
36 mA
36 mA
Idle Current
9.5 mA
9.5 mA
PM2/Cyclic Sleep
0.9 µA
0.9 µA
PM3/Deep Sleep
0.38 µA
0.38 µA
Receiver Sensitivity (1% PER)
RF Profile
Receiver Sensitivity (dBm) (1% PER)
500 kbps
-88
280 kbps
-92
FEC 500 kbps
-91 (See Note 5)
FEC 280 kbps
-95 (See Note 5)
Range
(based on external 2.0 dBi antenna
at 280 kbps RF data rate)2
Outdoor (line-of-sight)
Indoor (estimated)
FCC
4 km (2.5 miles)
400 m (1300 feet)
CE
1.0 km (0.6 miles)
100 m (328 feet)
Environmental
Temperature (Operational)
-40°C to 85°C
Temperature (Storage)
-50°C to 150°C
Physical
SMD-Multi Antenna Dimensions
25.4 mm x 39 mm x 3.6 mm (1.0” x 1.54” x 0.14”)
SMD-U.FL Dimensions
25.4 mm x 32.4 mm x 3.6 mm (1.0” x 1.28” x 0.14”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com