Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology RM024 Datasheet HTML 17Page - Laird Tech Smart Technology RM024 Datasheet HTML 18Page - Laird Tech Smart Technology RM024 Datasheet HTML 19Page - Laird Tech Smart Technology RM024 Datasheet HTML 20Page - Laird Tech Smart Technology RM024 Datasheet HTML 21Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
21
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
6.2 CE Requirements for Modular Approval
6.2.1 RM024 Part Numbers Approved for CE
Part Number *
Form Factor
Tx Output
Antenna
RM024-S10-C-XX
Surface Mount
10 mW
U.FL
RM024-S10-M-XX
Surface Mount
10 mW
U.FL or Chip
RM024-P10-C-XX
Pluggable
10 mW
U.FL
RM024-P10-M-XX
Pluggable
10 mW
U.FL or Chip
* The last two slots (XX) in the Part Number column are used for custom setups. They can be values ranging from 01-99, aa-zz.
Currently, these values are -30, for FW version 3.0.
The part numbers listed above are approved for use in CE markets with antennas having a maximum gain of
2.0 dBi. Antennas having a gain greater than the maximum allowed are strictly prohibited for use with this
device. The required antenna impedance is 50 ohms.
6.2.2 CE Tested Antenna List
Manufacturer
Manufacturer Part Number
Laird Part Number
Type
Gain (dBi)
Laird
WIC2452-A
MAF95029
Chip
2
Laird
NZH2400-MMCX
2150-00006
Microstrip
1
Nearson
S181FL-6-PX-2450S
Dipole
2
Laird
WCP2400
WCP2400
Dipole
2
Note: The OEM is free to choose another vendor’s antenna of like type and equal or lesser gain as an
antenna appearing in the table and still maintain compliance. Antennas listed in this table have been
test with the RM024.
7 RELATED DOCUMENTS AND FILES
Additional RM024 technical documents and software downloads are available from the Laird RM024 product
page under the Documentation tab and Software Downloads tabs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com