Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 19 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 19 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology RM024 Datasheet HTML 17Page - Laird Tech Smart Technology RM024 Datasheet HTML 18Page - Laird Tech Smart Technology RM024 Datasheet HTML 19Page - Laird Tech Smart Technology RM024 Datasheet HTML 20Page - Laird Tech Smart Technology RM024 Datasheet HTML 21Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
19
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
6.1.3 Antenna Information
The RM024 family is designed to operate with the antennas listed below and a maximum gain of 9 dBi. The
required antenna impedance is 50 ohms.
Manufacturer
Manufacturer Part
Number
Laird Part Number
Type
Gain (dBi)
Laird
WIC2450-A
0600-00042
Chip
2
Laird
NZH2400-MMCX
2150-00006
Microstrip
1
Laird
ID2450-RS36
CAF95990
Panel
9
Laird
IG2450-RS36
CAF94722
Omni
6
Nearson
S151-6-PX-2450S
0600-00040
Dipole
2
Note: The OEM is free to choose another vendor’s antenna of like type and equal or lesser gain as an antenna
appearing in the table and still maintain compliance. Reference FCC Part 15.204(c)(4) for further
information on this topic.
To reduce potential radio interference to other users, the antenna type and gain should be chosen so
that the equivalent isotropically radiated power (EIRP) is not more than that permitted for successful
communication.
6.1.4 Power Exposure Information
In general, there are two agency classifications for RF radiation exposure in wireless applications:
Mobile – A mobile device is defined as a transmitting device designed to be used in such a way that a
separation distance of at least 20 centimeters is normally maintained between the transmitter's radiating
structures and the body of the user or nearby persons. The RM024 is fully modular approved for mobile and
fixed applications. Reference FCC Part 2.1091 for further details on mobile devices.
Portable – Portable is a classification of equipment where the user, in general, is within 20 cm of the
transmitting antenna. Portable equipment is further broken down into two classes; within 2.5 cm of human
contact and beyond 2.5 cm. The RM024 does not hold a portable approval classification due to its peak
output power and modular approval restrictions. Further RF evaluation is required by customers who want
to use the RM024 in portable applications. Contact a qualified test house or a Laird Technologies
representative for further information on this topic. Reference FCC Part 2.1093 for further details on
portable devices.
A Maximum Permissible Exposure report has been created which shows the minimum distances for Public and
Occupational use of the RM024.
Note: Occupational Limit Minimum Distance = 4 cm
Public Limit Minimum Distance = 9 cm
A full MPE report is available upon request.
6.1.5 OEM Responsibilities
WARNING: The OEM must ensure that FCC labeling requirements are met. This includes a clearly visible label on
the outside of the OEM enclosure specifying the appropriate Laird FCC identifier for this product as
well as the FCC notice below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com