Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 20 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 20 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology RM024 Datasheet HTML 17Page - Laird Tech Smart Technology RM024 Datasheet HTML 18Page - Laird Tech Smart Technology RM024 Datasheet HTML 19Page - Laird Tech Smart Technology RM024 Datasheet HTML 20Page - Laird Tech Smart Technology RM024 Datasheet HTML 21Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
20
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Note:
Contains FCC ID: KQL-RM024
IC: 2268C-RM024
The enclosed device complies with Part 15 of the FCC Rules and Industry Canada License Exempt
RSS Standard(s). Operation is subject to the following two conditions: (1) This device may not cause
harmful interference, and (2) This device must accept any interference received, including
interference that may cause undesired operation
Label and text information should be in a size of type large enough to be readily legible, consistent with the
dimensions of the equipment and the label. However, the type size for the text is not required to be larger than
eight pt.
CAUTION: The OEM should have their device which incorporates the RM024 tested by a qualified test house to
verify compliance with FCC Part 15 Subpart B limits for unintentional radiators.
WARNING: This device has been tested with an U.FL connector and the antennas listed in the table above.
When integrated into the OEM’s product, these fixed antennas require professional installation preventing end-
users from replacing them with non-approved antennas. Any antenna not listed in the above table must be
evaluated for compliance with FCC Part 15.203 for unique antenna connectors. Contact Laird Technology for
assistance.
WARNING: This equipment has been approved for mobile applications where the equipment should be used at
distances greater than 20 cm from the human body. Operation at distances of less than 20 cm requires
additional RF exposure evaluation and possible testing, including SAR requirement according to FCC RF Exposure
guideline.
CAUTION: Any changes or modifications not expressly approved by Laird Technology could void the user’s
authority to operate the equipment.
NOTE:
This equipment has been tested and found to comply with the limits for a Class B digital device,
pursuant to Part 15 of the FCC Rules. These limits are designed to provide reasonable protection
against harmful interference in a residential installation. This equipment generates, uses, and can
radiate radio frequency energy and, if not installed and used in accordance with the instructions,
may cause harmful interference to radio communications. However, there is no guarantee that
interference will not occur in a particular installation. If this equipment does not cause harmful
interference to radio or television reception, which can be determined by turning the equipment off
and on, the user is encouraged to correct the interference by one or more of the following
measures:
 Re-orient or relocate the receiving antenna.
 Increase the separation between the equipment and the receiver.
 Connect the equipment to an outlet on a circuit that is different from that to which the receiver
is connected.
 Consult the dealer or an experienced radio/TV technician for help.
CAUTION:
“THIS DEVICE COMPLIES WITH PART 15 OF THE FCC RULES AND INDUSTRY CANADA LICENSE-EXEMPT RSS
STANDARD(S). OPERATION IS SUBJECT TO THE FOLLOWING TWO CONDITIONS: (1) THIS DEVICE MAY NOT CAUSE
HARMFUL INTERFERENCE, AND (2) THIS DEVICE MUST ACCEPT ANY INTERFERENCE RECEIVED, INCLUDING
INTERFERENCE THAT MAY CAUSE UNDESIRED OPERATION.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com