Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 12 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 12 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology RM024 Datasheet HTML 11Page - Laird Tech Smart Technology RM024 Datasheet HTML 12Page - Laird Tech Smart Technology RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology RM024 Datasheet HTML 15Page - Laird Tech Smart Technology RM024 Datasheet HTML 16Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
12
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
2.1.3
µP_RESET
µP_Reset provides a direct connection to the reset pin on the RM024 microprocessor and is used to force a hard
reset. For a valid reset, reset must be asserted Low for an absolute minimum of 250 nanoseconds (ns).
2.1.4
Command/Data
When logic High, the transceiver interprets incoming serial data as transmit data to be sent to other
transceivers. When logic Low, the transceiver interprets incoming serial data as command data. When logic Low,
data packets from the radio are not transmitted over the RF interface, however, incoming packets from other
radios are still received. Enabling CMD/Data RX Disable in the EEPROM causes incoming RF packets to be queued
by the receiving radio while CMD/Data is low. When CMD/Data goes high, the data is sent over the serial
interface.
2.1.5
In_Range
The In_Range pin is driven low when a client radio’s frequency hopping is synchronized with that of a server.
In_Range is always driven low on a server. Following boot, In_Range transitions low in approximately 12
milliseconds on a server. For a client, the In_Range takes an average of 500 milliseconds; this time is dependent
on the signal strength of the received beacon, the presence and strength of interference, and randomness of the
sync function. It can vary from 150 milliseconds to over 1500 milliseconds.
2.1.6 GO_0/Hop_Frame
The Hop Frame indicator functionality is disabled by default and controlled by the Control 1, Bit-6 EEPROM
setting. When enabled, this pin transitions logic Low at the start of a hop and transitions logic High at the
completion of a hop. The OEM host is not required to monitor hop frame.
2.1.7
RTS and Handshaking
With RTS mode disabled, the transceiver sends any received data to the OEM host as soon as it is received.
However, some OEM hosts are not able to accept data from the transceiver at all times. With RTS enabled in
EEPROM, the OEM host can prevent the transceiver from sending data by de-asserting RTS (High). Once RTS is
re-asserted (Low), the transceiver sends packets to the OEM host as they are received.
Note:
Leaving RTS de-asserted for too long can cause data loss once the transceiver’s transmit buffer
reaches capacity.
2.1.8
CTS Handshaking
If the transceiver buffer fills up and more bytes are sent to it before the buffer can be emptied, data loss occurs.
The transceiver prevents this loss by de-asserting CTS high as the buffer fills up and asserting CTS low as the
buffer is emptied. CTS should be monitored by the host device and data flow to the radio should be stopped
when CTS is high.
2.1.9 DE/RE
When enabled, RS485 Data Enable uses the DE/RE pin to control the DE pin on external RS-485 circuitry. When
the transceiver has data to send to the host, it asserts DE/RE High, sends the data to the host, and then takes
DE/RE low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com