Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 10 Page - Laird Tech Smart Technology

Part # RM024
Description  Minor grammatical fixes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM024 Datasheet(HTML) 10 Page - Laird Tech Smart Technology

Back Button RM024 Datasheet HTML 6Page - Laird Tech Smart Technology RM024 Datasheet HTML 7Page - Laird Tech Smart Technology RM024 Datasheet HTML 8Page - Laird Tech Smart Technology RM024 Datasheet HTML 9Page - Laird Tech Smart Technology RM024 Datasheet HTML 10Page - Laird Tech Smart Technology RM024 Datasheet HTML 11Page - Laird Tech Smart Technology RM024 Datasheet HTML 12Page - Laird Tech Smart Technology RM024 Datasheet HTML 13Page - Laird Tech Smart Technology RM024 Datasheet HTML 14Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
10
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Parameter
Server/Client
Min.
Typ.
Max.
Notes
Power on to In Range
Client only
13 ms
600 ms
1700 ms
Maximum time assuming all
beacons are heard; RF
interference could extend the
maximum time indefinitely.
Hop Period In Range
13.19 ms
Hop Period Out of
Range
Client only
38.4 ms
Reset Pulse
250 ms
PWM Output Period
39.3846 µs
Restore Default
EEPROM Command
10 ms
38 ms
Restore command also initiates
a soft reset, so monitoring CTS
is the best indication of a
completed command.
Non-specific AT
Command
1 ms
10 ms
Some AT Commands could wait
indefinitely for a response.
Write Flash
For FW upgrade.
Read Flash
1.8 RF Hop Frame
The RM024 hops every 13.19 milliseconds and can be configured for two different RF data rates to provide
options for range or throughput. During each hop, the RM024 reserves a certain amount of time for overhead
such as the synchronization beacon, internal messaging, and user data transmission. The diagrams below outline
the various transmissions that occur during a hop. These transmissions are transparent to the user sending data,
but may be useful for applications that require critical timing. User data is only transmitted during the data slots
and after the Interface Timeout or RF Packet Size criteria has been met. Data transmission only begins at the
beginning of a data slot. When configured for Full Duplex, data slot 1 is reserved for the server and data slot 2 is
shared by all clients for transmissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com