Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 10 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 10 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH PISA11 Datasheet HTML 10Page - PULS GmbH PISA11 Datasheet HTML 11Page - PULS GmbH PISA11 Datasheet HTML 12Page - PULS GmbH PISA11 Datasheet HTML 13Page - PULS GmbH PISA11 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
Case B: Only one output is loaded
The minimum values for the permissible capacitors are defined with an additional constant current load according to
the parameter list below. During the tests, only one output is loaded and all others are not.
The typical values for the permissible capacitors are defined with an additional resistive load according to the
parameter list below. During the tests, only one output is loaded and all others are not.
Permissible Capacitors
PISA11.401
PISA11.402
PISA11.403
PISA11.404
(4x1A)
(4x2A)
(4x3A)
(4x4A)
Per channel
typ.
49mF
92mF
80mF
71mF
min.
41mF
73mF
49mF
45mF
Permissible Capacitors
PISA11.406
PISA11.410
PISA11.203206
PISA11.206212
(4x6A)
(4x10A)
(2x3A, 2x6A)
(2x6A, 2x12A)
For channel 1 & 2
typ.
58mF
44mF
56mF
59mF
min.
38mF
24mF
38mF
36mF
For channel 3 & 4
typ.
58mF
44mF
50mF
42mF
min.
38mF
24mF
31mF
20mF
Parameters for typical values
Parameters for minimum values
PISA11.401
with additional 0.5A resistive load
with additional 1A constant current load
PISA11.402
with additional 1A resistive load
with additional 2A constant current load
PISA11.403
with additional 1.5A resistive load
with additional 3A constant current load
PISA11.404
with additional 2A resistive load
with additional 4A constant current load
PISA11.406
with additional 3A resistive load
with additional 6A constant current load
PISA11.410
with additional 5A resistive load
with additional 10A constant current load
PISA11.203206
3A: with additional 1.5A resistive load
with additional 3A constant current load
6A: with additional 3A resistive load
with additional 6A constant current load
PISA11.206212
6A: with additional 3A resistive load
with additional 6A constant current load
12A: with additional 6A resistive load
with additional 12A constant current load
Fig. 7-1 Test setup for capacitive load measurements
Power
Supply
24V, 40A *)
-
+
PISA11
Protection
Module
Out-1
+
-
-
Out-2
Out-3
Out-4
Distribution Node
1m, 2.5mm2
1m, 2.5mm2
4x RSense
10mOhm
R / I
Load
R / I
Load
R / I
Load
R / I
Load
1m, 1.5mm2
1m, 1.5mm2
1m, 1.5mm2
1m, 1.5mm2
0.3m, 1.5mm2
0.3m, 1.5mm2
0.3m, 1.5mm2
0.3m, 1.5mm2
1m, 2.5mm2
*) The allowable capacitor size can
be larger with power supplies equal
or smaller 20A output current
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com