Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 20 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 20 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH PISA11 Datasheet HTML 20Page - PULS GmbH PISA11 Datasheet HTML 21Page - PULS GmbH PISA11 Datasheet HTML 22Page - PULS GmbH PISA11 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
24. READ-OUT OF THE SOFTWARE REVISION LEVEL
PISA utilizes a microcontroller with a dedicated firmware to control the whole unit. The revision level of the used
firmware can be determined as follows:
Press and hold the reset button before applying the input voltage. The pattern of the four red LEDs shows the
firmware revision level.
Revision
level
LED 1
LED 2
LED 3
LED 4
A
OFF
OFF
OFF
ON
B
OFF
OFF
ON
OFF
C
OFF
OFF
ON
ON
D
OFF
ON
OFF
OFF
E
OFF
ON
OFF
ON
F
OFF
ON
ON
OFF
G
OFF
ON
ON
ON
H
ON
OFF
OFF
OFF
I
ON
OFF
OFF
ON
J
ON
OFF
ON
OFF
K
ON
OFF
ON
ON
L
ON
ON
OFF
OFF
M
ON
ON
OFF
ON
N
ON
ON
ON
OFF
O
ON
ON
ON
ON
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
20/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com