Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 1 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 1 Page - PULS GmbH

  PISA11 Datasheet HTML 1Page - PULS GmbH PISA11 Datasheet HTML 2Page - PULS GmbH PISA11 Datasheet HTML 3Page - PULS GmbH PISA11 Datasheet HTML 4Page - PULS GmbH PISA11 Datasheet HTML 5Page - PULS GmbH PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
PROTECTION MODULE
One Input and Four Current Controlled Outputs
Ensures Sufficient Supply Voltage for Critical Loads
even in the Event of an Fault
Protects Small Cable Sizes against Overload
Hassle-free Turn-on of Loads with Large Input
Capacitors
NEC Class 2 Compliant (1A and 2A Model)
Wide Temperature Range between -25°C and +70°C
On/Off Function of Outputs
Compact Design, Width only 45mm
Remote Monitoring and Control Functions
3 Year Warranty
1/23
GENERAL DESCRIPTION
This protection module fulfills two basic functions. First it
distributes the current of a large power source to four lower
current output channels and therefore allows for smaller
wires to be used. The second function is to permit only so
much current on the outputs that the input voltage of this
unit (which corresponds to the output voltage of the power
supply) does not fall below 21V.
This ensures a safe and an uninterrupted supply voltage for
sensitive equipments, such as PLCs, controls or sensors, when
they are connected directly to the same power supply as the
PISA module. Less critical loads that are not affected to short
voltage interruptions or that could even be the cause of a
fault on the 24V power supply are connected to one of the
four
current
controlled
output
channels of the
PISA module.
SHORT-FORM DATA
Input voltage
DC 24V
Input voltage
range
18 - 30V
Input current
typ. 43mA
At no load
Number of outputs
4
Output currents
fixed between
1A and 12A
See order
information
Input voltage
protection levels
typ. 21.4V
Temperature range -25°C to +70°C
Operational
-40°C to +85°C
Storage
Type of current
limitation
Active current limitation followed
by a shutdown
Dimensions
45x75x91mm *) WxHxD
DC 24V
Power
Supply
Relays, Solenoids
Displays
Motor 2
Motor 1
A1
A2
A4
A3
PLC, controls
(sensitive loads)
PISA Protection Module
Safeguard
*) Add 13mm in depth for signal connector.
ORDER NUMBERS
Output Ratings
Protection
PISA11.401
1A, 1A, 1A, 1A
module
PISA11.402
2A, 2A, 2A, 2A
PISA11.403
3A, 3A, 3A, 3A
PISA11.404
4A, 4A, 4A, 4A
PISA11.406
6A, 6A, 6A, 6A
PISA11.410
10A, 10A, 10A, 10A
PISA11.203206 3A, 3A, 6A, 6A
PISA11.206212 6A, 6A, 12A, 12A
Please note: An additional, NEC Class 2 optimized module
(PISA11.CLASS2), can be found in a separate datasheet.
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
UL 2367
IEC 60950-1
ATEX
II 3G EX nA nC IIC T4
EMC, LVD
Class I Div 2
Marine
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany


Similar Part No. - PISA11

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PISA11.CLASS2 PULS-PISA11.CLASS2 Datasheet
579Kb / 19P
PROTECTION MODULE 24V, 4 OUTPUTS
More results

Similar Description - PISA11

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PISA11.CLASS2 PULS-PISA11.CLASS2 Datasheet
579Kb / 19P
PROTECTION MODULE 24V, 4 OUTPUTS
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
BATTERY MODULE 24V, 7AH
logo
Semtech Corporation
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
1-Line, 24V ESD Protection
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
BATTERY MODULE 24V, 7AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
BATTERY MODULE 24V, 12AH
logo
Taiwan Semiconductor Co...
TESD24VS2BT TSC-TESD24VS2BT Datasheet
189Kb / 5P
200W, 24V ESD Protection Array
logo
Schneider Electric
BMXDDO3202KC SCHNEIDER-BMXDDO3202KC Datasheet
222Kb / 5P
discrete output module X80 - 32 outputs - solid state - 24V DC positive - severe
Apr 18, 2022
XPSUAT13A3AC SCHNEIDER-XPSUAT13A3AC Datasheet
220Kb / 6P
Safety module, Harmony Safety Automation, Cat.4, features XPSUAK delayed outputs, 24v AC/DC, spring
Jan 13, 2022
XPSUAT13A3AP SCHNEIDER-XPSUAT13A3AP Datasheet
221Kb / 6P
Safety module, Harmony Safety Automation, Cat.4, features XPSUAK delayed outputs, 24v AC/DC, screw
Jan 12, 2022
logo
NHP Electrical Engineer...
5069-OBV8S NHP-5069-OBV8S Datasheet
529Kb / 1P
COMPACT 5000 SAFETY I/O 8 BIPOLAR OUTPUTS 24V DC MODULE
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com