Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 16 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 16 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 12Page - PULS GmbH PISA11 Datasheet HTML 13Page - PULS GmbH PISA11 Datasheet HTML 14Page - PULS GmbH PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH PISA11 Datasheet HTML 20Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
19. EMC
This protection module is suitable for applications in industrial environment as well as in residential, commercial and
light industry environment. A detailed EMC report is available on request.
EMC Immunity
Generic standards: EN 61000-6-1 and EN 61000-6-2
Outputs
ON
Outputs
OFF
Electrostatic discharge
EN 61000-4-2
Contact discharge *)
Air discharge
8kV
8kV
8kV
8kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2,7GHz
10V/m
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
output lines
DC-OK, Inhibit
2kV
2kV
1kV
2kV
2kV
1kV
Criterion A
Criterion A
Criterion A
Surge voltage on
input lines
EN 61000-4-5
+
-
+/-
DIN-Rail
500V
1kV
500V
1kV
Criterion A
Criterion A
Surge voltage on
output lines
EN 61000-4-5
+
-
+/-
DIN-Rail
500V
1kV
500V
1kV
Criterion A
Criterion A
Surge voltage on
signal lines
EN 61000-4-5
DC-OK
DIN-Rail
1kV
1kV
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
10V
Criterion A
Criterion A:
The PISA protection module shows normal operation behavior within the defined limits.
*)… on coupling plane
EMC Emissions
Generic standards: EN 61000-6-3, EN 61000-6-4
Conducted emission
input and output lines**)
IEC/ CISPR 16-1-2, IEC/ CISPR 16-2-1
limits for DC power ports according
to EN 61000-6-3 fulfilled
Radiated emission
EN 55011, EN 55022
Class B
**) provided that the supplying power source fulfills these requirements too
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
16/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com