Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 13 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 13 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 9Page - PULS GmbH PISA11 Datasheet HTML 10Page - PULS GmbH PISA11 Datasheet HTML 11Page - PULS GmbH PISA11 Datasheet HTML 12Page - PULS GmbH PISA11 Datasheet HTML 13Page - PULS GmbH PISA11 Datasheet HTML 14Page - PULS GmbH PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
13. POWER LOSSES
PISA11.401
PISA11.402
PISA11.403
PISA11.404
No-load losses
typ.
1.0W
1.0W
1.0W
1.0W
Losses at typical output loads*)
typ.
1.0W
1.3W
1.4W
1.8W
PISA11.406
PISA11.410
PISA11.203206
PISA11.206212
No-load losses
typ.
1.0W
1.0W
1.0W
1.0W
Losses at typical output loads*)
typ.
2.4W
4.9W
1.9W
4.2W
*)
Typical value when all output channels are loaded with 50% of its nominal current.
14. RELIABILITY
The PISA protection modules are extremely reliable and use only the highest quality materials. The number of critical
components such as electrolytic capacitors have been reduced.
PISA11.401
PISA11.402
PISA11.403
PISA11.404
Applied load
4x0.5A
4x1A
4x1.5A
4x2A
Lifetime expectancy *)
243 000h *)
233 000h *)
229 000h *)
216 000h *)
at 40°C
686 000h *)
658 000h *)
649 000h *)
610 000h *)
at 25°C
MTBF **) SN 29500, IEC 61709
2 347 000h
2 323 000h
2 283 000h
2 114 000h
at 40°C
4 039 000h
3 998 000h
3 930 000h
3 638 000h
at 25°C
MTBF **) MIL HDBK 217F, GB
790 000h
775 000h
762 000h
705 000h
at 40°C
1 090 000h
1 066 000h
1 048 000h
970 000h
at 25°C
PISA11.406
PISA11.410
PISA11.203206
PISA11.206212
Applied load
4x3A
4x5A
2x1.5A + 2x3A
2x3A + 2x5A
Lifetime expectancy *)
203 000h *)
155 000h *)
213 000h *)
171 000h *)
at 40°C
573 000h *)
437 000h *)
604 000h *)
485 000h *)
at 25°C
MTBF **) SN 29500, IEC 61709
1 942 000h
1 296 000h
2 095 000h
1 373 000h
at 40°C
3 377 000h
2 305 000h
3 605 000h
2 443 000h
at 25°C
MTBF **) MIL HDBK 217F, GB
583 000h
448 000h
699 000h
475 000h
at 40°C
766 000h
589 000h
961 000h
624 000h
at 25°C
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com