Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 2 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 2 Page - PULS GmbH

  PISA11 Datasheet HTML 1Page - PULS GmbH PISA11 Datasheet HTML 2Page - PULS GmbH PISA11 Datasheet HTML 3Page - PULS GmbH PISA11 Datasheet HTML 4Page - PULS GmbH PISA11 Datasheet HTML 5Page - PULS GmbH PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Product Description.............................................3
3.
Installation Requirements...................................3
4.
Input ....................................................................5
5.
Outputs ................................................................6
6.
Current Limitation and Shutdown Behavior......7
7.
Connecting Capacitive Loads to the Outputs ....9
8.
Output-OK Relay Contact .................................11
9.
ON/OFF and Reset Signal Input ........................11
10. Synchronization of Multiple PISA Modules .....11
11. Functional Diagram...........................................12
12. Back-feeding Loads ...........................................12
13. Power Losses......................................................13
14. Reliability ...........................................................13
15. Front Side and User Elements...........................14
16. Terminals and Wiring....................................... 15
17. Input Wire Sizes................................................ 15
18. Output Wire Sizes............................................. 15
19. EMC ................................................................... 16
20. Environment ..................................................... 17
21. Protection Features .......................................... 18
22. Dielectric Strength............................................ 18
23. Approvals .......................................................... 19
24. Read-out of the Software Revision Level ........ 20
25. Physical Dimensions and Weight ..................... 21
26. Accessory........................................................... 21
26.1. ZM3.WALL Wall Mounting Bracket .......21
27. Various Measurement Results.......................... 22
The information presented in this document is believed to be accurate and reliable and may change without notice.
The housing is patent by PULS (US patent No US D442,923S).
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher
(PULS GmbH). This also applies to all kinds of electronic publishing.
TERMINOLOGY AND ABREVIATIONS
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vdc) at the end is a momentary figure without any additional
tolerances included.
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com