Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 9 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 9 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 5Page - PULS GmbH PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH PISA11 Datasheet HTML 10Page - PULS GmbH PISA11 Datasheet HTML 11Page - PULS GmbH PISA11 Datasheet HTML 12Page - PULS GmbH PISA11 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
7. CONNECTING CAPACITIVE LOADS TO THE OUTPUTS
Large input capacitors of drives, monitors or other similar loads can result in an unintended shutdown of the module
when trying to turn-on such loads. This especially can occur after a reset or by turning on a load via the push button or
the external signal input. The PISA protection module is designed to be exceptionally compatible with such types of
loads. The module can turn-on as much capacitance as possible and comprises several different protection mechanisms
to protect against an unintended shutdown or damage of the unit.
The permissible capacitor sizes which can be connected to the output of the PISA module depends on the load current
itself as well as on the characteristic of the load.
The following tables show two typical cases (case A and case B) for the permissible capacitors, which can be connected
on the outputs without shutdown of the protection module. The listed values are valid for the entire temperature
range.
Case A: All outputs are loaded.
The minimum values are worst-case figures for the permissible capacitors which are defined with an additional
constant current load and with the maximum permissible total current of the PISA protection module. See also the
parameter list below the table.
The typical values are defined with an additional resistive load. See also the parameter list below the table.
Permissible Capacitors
PISA11.401
PISA11.402
PISA11.403
PISA11.404
(4x1A)
(4x2A)
(4x3A)
(4x4A)
Per channel
typ.
48mF
94mF
69mF
57mF
min.
41mF
43mF
22mF
11mF
All four outputs together
typ.
135mF
124mF
69mF
57mF
min.
94mF
43mF
22mF
11mF
Permissible Capacitors
PISA11.406
PISA11.410
PISA11.203206
PISA11.206212
(4x6A)
(4x10A)
(2x3A, 2x6A)
(2x6A, 2x12A)
For channel 1 & 2
typ.
42mF
33mF
43mF
34mF
min.
9mF
8mF
11mF
8mF
For channel 3 & 4
typ.
42mF
33mF
48mF
33mF
min.
9mF
8mF
12mF
8mF
All four outputs together
typ.
42mF
33mF
48mF
33mF
min.
9mF
8mF
12mF
8mF
Parameters for typical values
Parameters for minimum values
PISA11.401
0.5A resistive load per output
1A constant current load per output
PISA11.402
1A resistive load per output
2A constant current load per output
PISA11.403
1.5A resistive load per output
3A constant current load per output
PISA11.404
2A resistive load per output
4A constant current load per output
PISA11.406
3A resistive load per output
5A constant current load per output
PISA11.410
5A resistive load per output
5A constant current load per output
PISA11.203206
1.5A resistive load for outputs 1 & 2
3A constant current load for outputs 1 & 2
3A resistive load for outputs 3 & 4
6A constant current load for outputs 3 & 4
PISA11.206212
3A resistive load for outputs 1 & 2
5A constant current load for outputs 1 & 2
6A resistive load for outputs 3 & 4
5A constant current load for outputs 3 & 4
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com