Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 22 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 22 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH PISA11 Datasheet HTML 20Page - PULS GmbH PISA11 Datasheet HTML 21Page - PULS GmbH PISA11 Datasheet HTML 22Page - PULS GmbH PISA11 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
27. VARIOUS MEASUREMENT RESULTS
Test setup for the following measurements:
24V, 5A
Power
Supply
CS5.241
PISA11.203206
Protection
Module
3A
3A
6A
6A
Load 1
V0
V1
V3
I1
I2
I3
I4
I0
Load 2
Load 3
Load 4
Load 0
a) Short-circuit across a 6A output of a PISA11.203206 protection module
V0 = 21V
V3 = 0V
I3 = 8A, 340ms
Parameters:
Power supply: 5A (CS5.241)
I0 = 0A
I3 = Short-circuit
I1, I2, I4 = 0A
8A is flowing, which is the current level that can be drawn from the CS5.241
power supply without the supply voltage falling below 21V. The electronic
circuit in the PISA protection module can actively limit this current for
340ms. After this time period, the outputs shutdown in order to protect the
MOSFET in the PISA module.
Refer also to Fig. 6-2 of this datasheet.
b) Short-circuit across a 3A output of a PISA11.203206 protection module
V0 = 21V
V1 = 0V
I1 = 8A, 340ms
Parameters:
Power supply: 5A (CS5.241)
I0 = 0A
I1 = Short circuit
I2, I3, I4 = 0A
Similar situation as above (short circuit across the 6A output).
The same 8A is flowing, which is the current level that can be drawn from
the CS5.241 power supply without the supply voltage falling below 21V.
The electronic circuit in the PISA protection module can actively limit this
current for 340ms. After this time period, the outputs shutdown in order to
protect the MOSFET in the PISA module.
Refer also to Fig. 6-2 of this datasheet.
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com