Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 23 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 23 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH PISA11 Datasheet HTML 20Page - PULS GmbH PISA11 Datasheet HTML 21Page - PULS GmbH PISA11 Datasheet HTML 22Page - PULS GmbH PISA11 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
c) 6A Overload (4 Ohm resistive load) of the 3A output of a PISA11.203206 protection module
Parameters:
Power supply: 5A (CS5.241)
I0= 0A
I1 = 6A (4Ohm)
I2, I3, I4 = 0A
V0 = 24V
V1 = 24V
I1 = 6A, 1s
6A is flowing on output 1, which can be drawn from the CS5.241 power
supply with full output voltage. The electronic circuit in the PISA protection
module allows this current for 1s. After this time period, the outputs
shutdown in order to protect wires and loads.
Refer also to Fig. 6-1 of this datasheet.
d) Both 6A outputs of a PISA11.203206 module loaded with 6A (4 Ohm resistive load)
Parameters:
Power supply: 5A (CS5.241)
I0, I1, I2 = 0A
I3, I4 = 6A (4Ohm)
V0 = 21V
V3 / V4= 16V
I3+I4 = 8A, 5s
The power supply can not deliver the required current and switches into
current limiting mode. The PISA module only permits so much current on
the outputs so that the input voltage does not drop below 21V. With these
conditions, there is only 16V (8A * 2Ohms) on the outputs of the protection
module.
The electronic circuit in the PISA protection module actively limits this
current for 5s (fixed time setting) before the outputs shutdown. Please note
that the time can be shorter if the internal MOSFET needs to be protected.
e) The power supply is directly loaded with 4A (6 Ohm resistive load) and one 6A output of a PISA11.203206
module is loaded with 6A (4 Ohm resistive load)
Parameters:
Power supply: 5A (CS5.241)
I0 = 4A (6 Ohm)
I3 = 6A (4 Ohm)
I1, I2, I4 = 0A
V0 = 21V
V3 = 18V
I3 = 4.5A, 5s
The power supply can not deliver the required current and switches into
current limiting mode. The PISA module only permits so much current on
the outputs so that the input voltage does not drop below 21V. With these
conditions, there is only 18V on the outputs of the protection module.
The electronic circuit in the PISA protection module limits this current
actively and shutdown after 5s.
Refer also to Fig. 6-2 of this datasheet.
23/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com