Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 7 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 7 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 3Page - PULS GmbH PISA11 Datasheet HTML 4Page - PULS GmbH PISA11 Datasheet HTML 5Page - PULS GmbH PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH PISA11 Datasheet HTML 10Page - PULS GmbH PISA11 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
6. CURRENT LIMITATION AND SHUTDOWN BEHAVIOR
The PISA11 protection module comprises one common limitation and switching element for all four outputs. In a
protection event, all four outputs limit the current or shutdown at the same time.
The following reasons can cause a limitation of the output currents or a shutdown of the output channels:
1)
The output current of one or more output channels was too high.
2)
The sum of the output current of all four output channels was exceeded.
3)
The outputs needed to be shutdown in order to maintain sufficient input voltage.
Shutdown times*) when exceeding the rated output current:
PISA11.401
PISA11.402
PISA11.403
PISA11.404
(4x1A)
(4x2A)
(4x3A)
(4x4A)
At 2x the rated current
typ.
1s at 2A
1s at 4A
1s at 6A
1s at 8A
At short circuit
typ.
110ms
110ms
10ms
10ms
PISA11.406
PISA11.410
PISA11.203206
PISA11.206212
(4x6A)
(4x10A)
(2x3A, 2x6A)
(2x6A, 2x12A)
At 2x rated current output 1, 2
typ.
1s at 12A
1s at 20A
1s at 6A
1s at 12A
output 3, 4
typ.
1s at 12A
1s at 20A
1s at 12A
1s at 24A
At short circuit
output 1, 2
typ.
8ms
8ms
8ms
8ms
output 3, 4
typ.
8ms
8ms
8ms
8ms
*)
The timer for shutdown starts immediately once the rated current levels are exceeded. All output channels will shutdown, if one channel
is overloaded. See Fig. 6-1 for more values.
A shutdown of the outputs can also happen earlier, e.g. when the PISA module has to protect the supply voltage in case the power
supply can not deliver enough current to support all loads without going into overload.
Fig. 6-1 Shutdown characteristic for 1A, 2A, 3A, 4A, 6A and 10A output channels
Shutdown Time, typ.
Output Channel
100ms
Output Current typ.
10A
6A
4A
3A
2A
1A
12A
0
1s
10s
100s
10ms
2
4
6
8
10
12
14
16
18
20
22
24
26A
1
3
5
7
9
1113
1517
1921
23
25
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com