Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 6 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 6 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 2Page - PULS GmbH PISA11 Datasheet HTML 3Page - PULS GmbH PISA11 Datasheet HTML 4Page - PULS GmbH PISA11 Datasheet HTML 5Page - PULS GmbH PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH PISA11 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
5. OUTPUTS
PISA11.401
PISA11.402
PISA11.403
PISA11.404
Output current
output 1
nom.
1A
2A
3A
4A
output 2
nom.
1A
2A
3A
4A
output 3
nom.
1A
2A
3A
4A
output 4
nom.
1A
2A
3A
4A
All 4 outputs together
nom.
4A
8A
12A
16A
NEC CLASS 2 compliance
yes
yes
no
no
Output current limitation *)
min.
9A
9A
16.6A
16.6A
typ.
10.7A
10.7A
19.9A
19.9A
max.
12.7A
12.7A
23.6A
23.6A
Voltage drop **)
per output
typ.
41mV
83mV
75mV
101mV
Output leakage current ***)
typ.
0.4mA
0.4mA
0.4mA
0.4mA
PISA11.406
PISA11.410
PISA11.203206
PISA11.206212
Output current
output 1
nom.
6A
10A
3A
6A
output 2
nom.
6A
10A
3A
6A
output 3
nom.
6A
10A
6A
12A
output 4
nom.
6A
10A
6A
12A
All 4 outputs together
nom.
20A
20A
18A
20A
NEC CLASS 2 compliance
no
no
no
no
Output current limitation*)
min.
20.5A
20.5A
20.5A
20.5A
typ.
25A
25A
25A
25A
max.
30A
30A
30A
30A
Voltage drop**)
output 1, 2
typ.
124mV
197mV
92mV
178mV
output 3, 4
typ.
124mV
197mV
107mV
182mV
Output leakage current ***)
typ.
0.4mA
0.4mA
0.4mA
0.4mA
*)
The current limitation value for the sum of all four output currents. This current can be drawn from each individual output regardless
whether it is a 1A, 2A, 3A, 4A, 6A,10A or 12A output. According to the specified ampacity of the outputs, the current can flow for a
shorter or longer period before the protection module shutdown all four outputs at the same time. Shutdown times can be found in
chapter 6.
**) Voltage loss between input and output, when all output channels are loaded with 50% of its nominal current.
***) Output current when outputs have shut down.
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com