Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 19 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 19 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH PISA11 Datasheet HTML 20Page - PULS GmbH PISA11 Datasheet HTML 21Page - PULS GmbH PISA11 Datasheet HTML 22Page - PULS GmbH PISA11 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
23. APPROVALS
EC Declaration of
Conformity
The CE mark indicates conformance with the:
- EMC directive 2004/108/EC,
- Low-voltage directive (LVD) 2006/95/EC,
- RoHS directive 2011/65/EU and the
- ATEX directive 94/9/EC
IEC 60950-1
2nd Edition
CB Scheme,
Safety of Information Technology Equipment
UL 508
IND. CONT. EQ.
Listed for the use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 60950-1
2nd Edition
Recognized for the use as Information Technology Equipment, Level
5; U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950);
E-File: E137006
NEC Class 2,
only PISA11.401,
PISA11.402
NEC CLASS 2
Recognized as Limited Power Source (LPS) according to UL 60950-1.
Also meet the requirements of NEC CLASS 2 according to UL1310.
UL 2367
Special-purpose Solid-State Overcurrent Protector
Component Recognition; UL Category QVRQ2
E-File: E342020
ANSI / ISA 12.12.01-
2007
(Class I Div 2)
LISTED for use in Hazardous Location Class I Div 2 T4 Groups A,B,C,D
systems; NRTL/C (Canada and U.S.)
EN 60079-15
ATEX
II 3G EX nA nC IIC T4 Gc
Approval for use in hazardous locations Zone 2 Category 3G.
Number of ATEX certificate: EPS 11 ATEX 1 327 X
Evaluated according to EN 60079-0 and EN 60079-15
Marine
GL (Germanischer Lloyd) classified
Environmental category: C, EMC2
Marine and Offshore applications
GOST R
Certificate of Conformity for Russia and other GUS countries
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com