Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISA11 Datasheet(PDF) 4 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 4 Page - PULS GmbH

  PISA11 Datasheet HTML 1Page - PULS GmbH PISA11 Datasheet HTML 2Page - PULS GmbH PISA11 Datasheet HTML 3Page - PULS GmbH PISA11 Datasheet HTML 4Page - PULS GmbH PISA11 Datasheet HTML 5Page - PULS GmbH PISA11 Datasheet HTML 6Page - PULS GmbH PISA11 Datasheet HTML 7Page - PULS GmbH PISA11 Datasheet HTML 8Page - PULS GmbH PISA11 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
This device is designed for convection cooling and does not require an external fan. Do not obstruct airflow and do
not cover ventilation grid.
The standard mounting orientation is input terminals on the bottom and output terminals on the top. Do not use the
unit in other mounting orientations.
Keep the following installation clearances:
- Top and bottom: min. 40mm on top, 20mm on the bottom
- Left and right:
min. 0mm if the total output current of the PISA module is less than 15A
min. 6.4mm if the total output current is equal or higher than 15A and the ambient temperature
is between 45°C and 60°C.
min. 6.4mm if the ambient temperature is above 60°C (except for PISA11.401, PISA11.402 and
PISA11.403).
A high voltage drop between the power supply and the protection module might cause a malfunction. It is not
recommended to use wires longer than 2x2m (for 2.5mm2 or AWG14 wires) or 2x4m (for 4mm2 or AWG12 wires) to
avoid undesired undervoltage conditions on the input of the protection module.
At ambient temperatures above 50°C and output currents higher than 15A (sum of all four channels), do not use a
wire size smaller than 2.5mm2 (or AWG14) and use wiring scheme Fig. 3-2.
Use only regulated PULS power supplies to meet the conducted low frequency interference requirements when used in
marine applications according to the GL regulations (section 20 of the GL regulations).
Fig. 3-1 Standard wiring scheme
Fig. 3-2 Wiring scheme for ambient temperatures above
50°C and output currents above 15A
24V
Power
Supply
PLC, Controls
(sensitive loads)
-
-
+
+
+
-
PISA
Protection Module
Output 1
+
-
-
Output 2
Output 3
Output 4
Distribution Node
Recommended
Wire:
max. 2x4m, 4mm2
or 2x2m, 2.5mm2
Load
4
+
-
Load
3
+
-
Load
2
+
-
Load
1
+
-
24V
Power
Supply
PLC, Controls
(sensitive loads)
-
-
+
+
+
-
Distribution Node
Load
4
+
-
Load
3
+
-
Load
2
+
-
Load
1
+
-
PISA
Protection Module
Output 1
+
-
-
Output 2
Output 3
Output 4
WARNING
Risk of electrical shock, fire, personal injury or death.
- Turn power off before working on the device. Protect against inadvertent re-powering.
- Make sure that the wiring is correct by following all local and national codes.
- Do not modify or repair the unit.
- Do not open the unit.
- Use caution to prevent any foreign objects from entering the housing.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
Notes for use in hazardous location areas:
The units are suitable for use in Class I Division 2 Groups A, B, C, D locations.
The units are suitable for use in Group II Category 3 (Zone 2) environments and are evaluated according to EN 60079-
0:2009 and EN 60079-15:2010.
WARNING EXPLOSION HAZARDS!
Substitution of components may impair suitability for this environment. Do not disconnect the unit or operate the
reset button unless power has been switched off or the area is known to be non-hazardous. The signal-connector may
not be used in hazardous location areas unless additional measures are met to avoid an unintended disconnection
(e.g. an additional mechanical fixation). The connection must meet the requirements of the EN 60079-15:2010. A
suitable enclosure must be provided for the end product which has a minimum protection of IP54 and fulfils the
requirements of the EN 60079-15:2010.
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com