Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 32Page - fujitsu semiconductor FREQ Datasheet HTML 33Page - fujitsu semiconductor FREQ Datasheet HTML 34Page - fujitsu semiconductor FREQ Datasheet HTML 35Page - fujitsu semiconductor FREQ Datasheet HTML 36Page - fujitsu semiconductor FREQ Datasheet HTML 37Page - fujitsu semiconductor FREQ Datasheet HTML 38Page - fujitsu semiconductor FREQ Datasheet HTML 39Page - fujitsu semiconductor FREQ Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
36
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Selection of fly-back diode
This device is improved by adding the fly-back diode when the conversion efficiency improvement or the
suppression of the low-side FET fever is desired, although those are unnecessary to execute normally. The
effect is achieved in the condition where the switching frequency is high or output voltage is lower. Select
schottky barrier diode (SBD) that the forward current is as small as possible. In this DC/DC control IC, the
period for the electric current flow into fly-back diode is limited to dead time period because the
synchronous rectification system is adopted. (as for the dead time, see “Output Block” in “ELECTRICAL
CHARACTERISTICS”). Each rating for the fly-back diode can be calculated by the following formula.
ID ≥ IOUT_MAX fOSC
(tD1 + tD2)
ID
: Forward current rating of SBD [A]
IOUT_MAX : Maximum load current [A]
fOSC
: Switching frequency [Hz]
tD1, tD2
: Dead time [s]
ΔIL
IFSM ≥ IOUT_MAX +
2
IFSM
: Peak forward surge current ratings of SBD [A]
IOUT_MAX : Maximum load current [A]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
VR_Fly > VIN
VR_Fly
: Reverse voltage of fly-back diode direct current [V]
VIN
: Power supply voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com