Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 1 Page - fujitsu semiconductor

  FREQ Datasheet HTML 1Page - fujitsu semiconductor FREQ Datasheet HTML 2Page - fujitsu semiconductor FREQ Datasheet HTML 3Page - fujitsu semiconductor FREQ Datasheet HTML 4Page - fujitsu semiconductor FREQ Datasheet HTML 5Page - fujitsu semiconductor FREQ Datasheet HTML 6Page - fujitsu semiconductor FREQ Datasheet HTML 7Page - fujitsu semiconductor FREQ Datasheet HTML 8Page - fujitsu semiconductor FREQ Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Copyright©2011 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2011.12
FUJITSU SEMICONDUCTOR
DATA SHEET
DS405-00007-1v0-E
FUJITSU SEMICONDUCTOR CONFIDENTIAL
ASSP for Power Management Applications
2ch DC/DC converter IC
with PFM/ PWM synchronous rectification
MB39A214A
DESCRIPTION
MB39A214A is a N-ch/ N-ch synchronous rectification type 2ch Buck DC/DC converter IC equipped with
a bottom detection comparator for low output voltage ripple. It supports low on-duty operation to allow
stable output of low voltages when there is a large difference between input and output voltages. It also
allows the high switching frequency setting, enabling the downsized peripheral circuits and low-cost
configuration. MB39A214A realizes ultra-rapid response and high efficiency with built-in enhanced
protection features. It is most suitable for the power supply for ASIC or FPGA core, input/output devices, or
memory.
FEATURES
High efficiency
Frequency setting by internal preset function : 310 kHz, 620 kHz, 1 MHz
High accuracy reference voltage
:
± 0.7% (Ta = + 25 °C)
VIN Input voltage range
: 6 V to 28 V
Output voltage setting range
: 0.7 V to 5.3 V
Possible to select the automatic PFM/PWM selection mode or PWM-fixed mode
PAF frequency limitation function (Prohibit Audio Frequency) : > 30 kHz (Min)
Built-in boost diode, external fly-back diode not required
Built-in discharge FET
Built-in over voltage protection function
Built-in under voltage protection function
Built-in over temperature protection function
Built-in over current limitation function
Soft-start circuit without load dependence
Current sense resistor not required
Built-in synchronous rectification type output steps for N-ch MOS FET
Standby current
: 0 µA (Typ)
Package
: TSSOP24 (4.4 mm 6.5 mm 1.2 mm [Max])
APPLICATIONS
Digital TV
Photocopiers
STB
BD, DVD players/recorders
Projectors
etc.


Similar Part No. - FREQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE160D INTERSIL-FRE160D Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE160H INTERSIL-FRE160H Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE160R INTERSIL-FRE160R Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE260H INTERSIL-FRE260H Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FREQ

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
2ch DC/DC Converter IC with PWM Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com