Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 15Page - fujitsu semiconductor FREQ Datasheet HTML 16Page - fujitsu semiconductor FREQ Datasheet HTML 17Page - fujitsu semiconductor FREQ Datasheet HTML 18Page - fujitsu semiconductor FREQ Datasheet HTML 19Page - fujitsu semiconductor FREQ Datasheet HTML 20Page - fujitsu semiconductor FREQ Datasheet HTML 21Page - fujitsu semiconductor FREQ Datasheet HTML 22Page - fujitsu semiconductor FREQ Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
19
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(9) Under Voltage Protection (UVP)
This function stops the output voltage when the output voltage has lowered, and protects devices connected
to the output.
1. Using UVP Comp, this function makes a comparison between the voltage which is 0.7 times (Typ) of
the internal reference voltage REF1, REF2 (0.7 V), and the feedback voltage for the FB1 pin (pin 4) and
the FB2 pin (pin 9).
2. If the feedback voltage mentioned in 1 detects the higher state by 150µs (Typ) or more, the operations
below will be performed.
Set the RS latch.
Set the DRVH1 pin (pin 24) and the DRVH2 pin (pin 13) to the “L” level.
Set the DRVL1 pin (pin 22) and the DRVL2 pin (pin 15) to the “L” level.
These operations fix the high-side FET to the off state and the low-side FET to the off state for both
channels of the DC/DC converter, and stops switching (latch stop). The discharge operation is then carried
out to discharge the output capacitor (The discharge operation continues until the state of the under-voltage
protection is released).
The under-voltage protection state can be cancelled by setting both the EN1 pin (pin 2) and EN2 pin (pin 11)
to the “L” level or reducing the VCC power once until the bias voltage (VB) falls below VTHL of UVLO.
<Timing chart>
VOUT1
FB1
DRVH1
DRVL1
CS1
VOUT2
FB2
DRVH2
DRVL2
CS2
EN1, EN2
VB
0 V
0 V
0 V
INTREF
INTREF
UVLO VTHL
150 µs
0 V
Output voltage
setting value
Standby
Less than 15 µs
Cancellation of over-voltage protection state by EN = "L".
INTREF
0.8
INTREF
0.7
Output voltage
setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com