Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 45Page - fujitsu semiconductor FREQ Datasheet HTML 46Page - fujitsu semiconductor FREQ Datasheet HTML 47Page - fujitsu semiconductor FREQ Datasheet HTML 48Page - fujitsu semiconductor FREQ Datasheet HTML 49Page - fujitsu semiconductor FREQ Datasheet HTML 50Page - fujitsu semiconductor FREQ Datasheet HTML 51Page - fujitsu semiconductor FREQ Datasheet HTML 52Page - fujitsu semiconductor FREQ Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
49
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
MB39A214APFT RECOMMENDED CONDITIONS OF MOISTURE SENSITIVITY
LEVEL
[FUJITSU SEMICONDUCTOR Recommended Mounting Conditions]
Item
Condition
Mounting Method
IR (infrared reflow), warm air reflow
Mounting times
2 times
Before opening
Please use it within two years after
manufacture.
From opening to the 2nd reflow
Less than 8 days
Storage period
When the storage period after
opening was exceeded
Please process within 8 days
after baking (125°C ±3°C, 24H+ 2H/─0H) .
Baking can be performed up to two times.
Storage conditions
5°C to 30°C, 70% RH or less (the lowest possible humidity)
[Mounting Conditions]
(1) IR (infrared reflow)
260°C
(e)
(d')
(d)
245°C
170 °C
190 °C
RT
(b)
(a)
(c)
to
Main heating
"M" rank : 250°C Max
(a) Temperature Increase gradient
: Average 1°C/s to 4°C /s
(b) Preliminary heating
: Temperature 170°C to 190°C, 60 s to 180 s
(c) Temperature Increase gradient
: Average 1°C /s to 4°C /s
(d) Peak temperature
: Temperature 250°C Max; 245°C or more, 10 s or less
(d') Main Heating
: Temperature 230°C or more, 40 s or less
or
Temperature 225°C or more, 60 s or less
or
Temperature 220°C or more, 80 s or less
(e) Cooling
: Natural cooling or forced cooling
Note: Temperature : the top of the package bod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com