Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 4Page - fujitsu semiconductor FREQ Datasheet HTML 5Page - fujitsu semiconductor FREQ Datasheet HTML 6Page - fujitsu semiconductor FREQ Datasheet HTML 7Page - fujitsu semiconductor FREQ Datasheet HTML 8Page - fujitsu semiconductor FREQ Datasheet HTML 9Page - fujitsu semiconductor FREQ Datasheet HTML 10Page - fujitsu semiconductor FREQ Datasheet HTML 11Page - fujitsu semiconductor FREQ Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Value
Parameter
Symbol
Pin
No.
Condition
Min
Typ
Max
Unit
Threshold voltage
VTH
4, 9
Ta =
+25°C
0.695 0.700 0.705
V
FB pin input current
IFB
4, 9
FB1, FB2 = 0.7 V
− 0.1
0
+0.1
µA
Error
Comparison
Block
[Error Comp.]
VOUT pin input
current
IVO
3,10
VOUT1, VOUT2 = 1.5 V
—
6.0
8.6
µA
Over current detection
offset voltage
VOFFILIM
21 to 23
21 to 14
PGND
− LX1, LX2
ILIM1, ILIM2 = 500 mV
− 30
0
+30
mV
ILIM pin current
IILIM
20,16
ILIM1, ILIM2 = 0 V
− 6
− 5
− 4
µA
Over Current
Detection
Block
[ILIM Comp.]
ILIM pin current
Temperature slope
TILIM
20,16
Ta =
+25°C
—
4500*
—
ppm/
°C
Over-voltage
detecting voltage
VOVP
4, 9
For REF1, REF2 voltage
110
115
120
%
Hysteresis width
VHOVP
4, 9
—
—
5*
—
%
Over-
voltage
Protection
Circuit Block
[OVP Comp.]
Detection delay time
tOVP
—
—
10
15
20
µs
Under-voltage
detecting voltage
VUVP
4, 9
For REF1, REF2 voltage
65
70
75
%
Hysteresis width
VHUVP
4, 9
—
—
10*
—
%
Under-
voltage
Protection
Circuit Block
[UVP Comp.]
Detection delay time
tUVP
—
—
100
150
200
µs
TOTPH
—
—
—
150*
—
°C
Over-
temperature
Protection
Circuit Block
[OTP]
Protection
temperature
TOTPL
—
—
—
125*
—
°C
ROH
24,13
DRVH1, DRVH2 =
− 100 mA
—
4
6
Ω
High-side output
on-resistance
ROL
24,13
DRVH1, DRVH2 = 100 mA
—
1
1.5
Ω
ROH
22,15
DRVL1, DRVL2 =
− 100 mA
—
4
6
Ω
Low-side output
on-resistance
ROL
22,15
DRVL1, DRVL2 = 100 mA
—
1
1.5
Ω
Output source
current
ISOURCE
24,13
22,15
LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVH1, DRVH2 = 2.5 V
Duty
≤ 5%
—
− 0.5*
—
A
Output sink current
ISINK
24,13
22,15
LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVH1, DRVH2 = 2.5 V
Duty
≤ 5%
—
0.9*
—
A
LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVL1, DRVL2-low to
DRVH1, DRVH2-on
15
25
35
ns
Output Block
[DRV]
Dead time
tD
24 to 22
13 to 15 LX1, LX2 = 0 V,
BST1, BST2 = VB
DRVH1, DRVH2-low to
DRVL1, DRVL2-on
35
50
65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com