Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 22Page - fujitsu semiconductor FREQ Datasheet HTML 23Page - fujitsu semiconductor FREQ Datasheet HTML 24Page - fujitsu semiconductor FREQ Datasheet HTML 25Page - fujitsu semiconductor FREQ Datasheet HTML 26Page - fujitsu semiconductor FREQ Datasheet HTML 27Page - fujitsu semiconductor FREQ Datasheet HTML 28Page - fujitsu semiconductor FREQ Datasheet HTML 29Page - fujitsu semiconductor FREQ Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
26
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
APPLICATION NOTE
1. Setting Operating Conditions
Setting output voltages
The output voltage can be set by adjusting the setting output voltage resistor ratio. Setting output voltage is
calculated by the following formula.
R1 + R2
2.8 10-7
ΔVOUTx
VOUTx =
R2
(0.6946 + 0.2667
ΔIL (1−
tOFF
)
RON_Sync) +
2
VIN − VOUT
VOUT
(VIN − VOUTx)
ΔVOUTx = ESR ΔIL, ΔIL =
L
VIN
fOSC
, tOFF =
VIN fOSC
VOUTx
: Output setting voltage [V]
VIN
: Power supply voltage [V]
ΔVOUTX : Output ripple voltage value [V]
tOFF
: Off time [s]
RON_Sync
: ON resistance of low-side FET [Ω]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
ESR
: Series resistance element of output capacitor [Ω]
L
: Inductor value [H]
fOSC
: Switching frequency [Hz]
R1
VOUTx
R2
VOUTX
FBX
The total resistor value (R1+R2) of the setting output resistor should be selected up to 100 kΩ.
x: Each channel number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com