Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 43 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 43 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 39Page - fujitsu semiconductor FREQ Datasheet HTML 40Page - fujitsu semiconductor FREQ Datasheet HTML 41Page - fujitsu semiconductor FREQ Datasheet HTML 42Page - fujitsu semiconductor FREQ Datasheet HTML 43Page - fujitsu semiconductor FREQ Datasheet HTML 44Page - fujitsu semiconductor FREQ Datasheet HTML 45Page - fujitsu semiconductor FREQ Datasheet HTML 46Page - fujitsu semiconductor FREQ Datasheet HTML 47Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
43
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Ripple Waveform
VIN=12 V, VOUT1=1.0 V, IOUT1=0 A, MODE=GND,
FREQ=Open, Ta=+25°C
VOUT1 20 mV/div
100 ms/div
VIN=12 V, VOUT2=1.8 V, IOUT2=0 A, MODE=GND,
FREQ=Open, Ta=+25°C
VOUT2 20 mV/div
20 ms/div
VIN=12 V, VOUT1=1.0 V, IOUT1=7 A, MODE=GND,
FREQ=Open, Ta=+25°C
VOUT1 20 mV/div
2 µs/div
VIN=12 V, VOUT2=1.8 V, IOUT2=7 A, MODE=GND,
FREQ=Open, Ta=+25°C
VOUT2 20 mV/div
2 µs/div
Load Sudden Change Waveform
VIN=12 V, VOUT1=1.0 V, IOUT1=0 A
4 A, MODE=GND,
FREQ=Open, Ta=+25°C
VOUT1 50 mV/div
IOUT1 2 A/div
10 µs/div
4 A
0 A
VIN=12 V, VOUT2=1.8 V, IOUT2=0 A
4 A, MODE=GND,
FREQ=Open, Ta=+25°C
VOUT2 50 mV/div
IOUT2 2 A/div
10 µs/div
4 A
0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com