Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 34Page - fujitsu semiconductor FREQ Datasheet HTML 35Page - fujitsu semiconductor FREQ Datasheet HTML 36Page - fujitsu semiconductor FREQ Datasheet HTML 37Page - fujitsu semiconductor FREQ Datasheet HTML 38Page - fujitsu semiconductor FREQ Datasheet HTML 39Page - fujitsu semiconductor FREQ Datasheet HTML 40Page - fujitsu semiconductor FREQ Datasheet HTML 41Page - fujitsu semiconductor FREQ Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
38
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Selection of output capacitor
A certain level of ESR is required for stable operation of this IC. Use a tantalum capacitor or polymer
capacitor as the output capacitor. If using a ceramic capacitor with low ESR, a resistor should be connected
in series with it to increase ESR equivalently.
Calculate the output capacitor value by the following formula as a guide.
1
COUT ≥
4
fOSC
ESR
COUT
: Output capacitor value [F]
fOSC
: Switching frequency [Hz]
ESR
: Series resistance of output capacitor [Ω]
Moreover, the output capacitor values are also derived from the allowable amount of overshoot and
undershoot. The following formula is represented as the worst condition in which the shift time for a sudden
load change is 0s. The output capacitor value allow a smaller amount than the value calculated by the
following formula when a longer shift time.
ΔIOUT2
L
COUT ≥
2
VOUT
ΔVOUT_OVER
…Overshoot condition
ΔIOUT2
L
(VOUT + VIN
fOSC
tOFF_MIN)
COUT ≥
2
VOUT
ΔVOUT_UNDER
(VIN – VOUT – VIN
fOSC
tOFF_MIN)
… Undershoot condition
COUT
: Output capacitor value [F]
ΔVOUT_OVER : Allowable amount of output voltage overshoot [V]
ΔVOUT_UNDER : Allowable amount of output voltage undershoot [V]
ΔIOUT
: Current difference in sudden load change [A]
L
: Inductor value [H]
VIN
: Power supply voltage [V]
VOUT
: Output setting voltage [V]
fOSC
: Switching frequency [Hz]
tOFF_MIN
: Minimum off time
When changing to no load suddenly, the output voltage is overshoot, however, the current sink is not
executed in the mode other than PWM fix. As a result, the decrement of the output voltage might take a
long time. This sometimes results in the stop mode because of the over voltage detection. In the mode other
than PWM fix, select the capacitor value so that the overshoot value is set to the over voltage detection
voltage value or less (115% of the output setting voltage or less).
The capacitor has frequency, operating temperature, and bias voltage characteristics, etc. Therefore, it must
be noted that its effective capacitor value may be significantly smaller, depending on the use conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com