Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 42 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 42 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 38Page - fujitsu semiconductor FREQ Datasheet HTML 39Page - fujitsu semiconductor FREQ Datasheet HTML 40Page - fujitsu semiconductor FREQ Datasheet HTML 41Page - fujitsu semiconductor FREQ Datasheet HTML 42Page - fujitsu semiconductor FREQ Datasheet HTML 43Page - fujitsu semiconductor FREQ Datasheet HTML 44Page - fujitsu semiconductor FREQ Datasheet HTML 45Page - fujitsu semiconductor FREQ Datasheet HTML 46Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
42
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
REFERENCE DATA
Conversion Efficiency vs.Load Current
Conversion Efficiency vs.Load Current
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
PFM/PWM
PAF
PWM
VIN = 12 V
VOUT1 = 1.0 V
FREQ = Open
Ta = +25°C
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
PFM/PWM
PAF
VIN = 12 V
VOUT2 = 1.8 V
FREQ = Open
Ta = +25°C
PWM
Load Current IOUT1 (A)
Load Current IOUT2 (A)
Switching Frequency vs. Load Current
Switching Frequency vs. Load Current
1000
100
10
1
0.001
0.01
0.1
1
10
PFM/PWM
PAF
VIN = 12 V
VOUT1 = 1.0 V
FREQ = Open
Ta = +25°C
PWM
1000
100
10
1
0.001
0.01
0.1
1
10
PFM/PWM
PAF
VIN = 12 V
VOUT2 = 1.8 V
FREQ = Open
Ta = +25°C
PWM
Load Current IOUT1(A)
Load Current IOUT2 (A)
Output Voltage vs. Load Current
Output Voltage vs. Load Current
1.05
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
0.95
0.001
0.01
0.1
1
10
PFM/PWM
PAF
VIN = 12 V
VOUT1 = 1.0 V
FREQ = Open
Ta = +25°C
PWM
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
0.001
0.01
0.1
1
10
PFM/PWM
PAF
VIN = 12 V
VOUT2 = 1.8 V
FREQ = Open
Ta = +25°C
PWM
Load Current IOUT1 (A)
Load Current IOUT2 (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com