Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 6Page - fujitsu semiconductor FREQ Datasheet HTML 7Page - fujitsu semiconductor FREQ Datasheet HTML 8Page - fujitsu semiconductor FREQ Datasheet HTML 9Page - fujitsu semiconductor FREQ Datasheet HTML 10Page - fujitsu semiconductor FREQ Datasheet HTML 11Page - fujitsu semiconductor FREQ Datasheet HTML 12Page - fujitsu semiconductor FREQ Datasheet HTML 13Page - fujitsu semiconductor FREQ Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
TYPICAL CHARACTERISTICS
Power dissipation vs. Operating ambient temperature
0
500
1000
1500
2000
-50 -25 +0 +25 +50 +75 +100+125
1282
Operating ambient temperature Ta (°C)
VB bias voltage vs. Operating ambient temperature
VB bias voltage vs. VB bias output current
5.00
5.04
5.08
5.12
5.16
5.20
5.24
5.28
5.32
5.36
5.40
-40 -20
0 +20 +40 +60 +80 +100
VCC=12V
IVB=0A
5.0
5.1
5.2
5.3
5.4
-30
-25
-20
-15
-10
-5
0
VCC=6V
VCC=12V
VCC=28V
Operating ambient temperature Ta (°C)
VB bias output current IVB (mA)
Error Comp. Threshold voltage vs.
Operating ambient temperature
ILIM pin current vs. Operating ambient temperature
0.695
0.696
0.697
0.698
0.699
0.700
0.701
0.702
0.703
0.704
0.705
-40 -20 0 +20 +40 +60 +80+100
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-40 -20
0
+20 +40 +60 +80 +100
Operating ambient temperature Ta (°C)
Operating ambient temperature Ta (°C)
Ta = +25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com