Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 29Page - fujitsu semiconductor FREQ Datasheet HTML 30Page - fujitsu semiconductor FREQ Datasheet HTML 31Page - fujitsu semiconductor FREQ Datasheet HTML 32Page - fujitsu semiconductor FREQ Datasheet HTML 33Page - fujitsu semiconductor FREQ Datasheet HTML 34Page - fujitsu semiconductor FREQ Datasheet HTML 35Page - fujitsu semiconductor FREQ Datasheet HTML 36Page - fujitsu semiconductor FREQ Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
33
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Selection of Switching FET
If selecting the high-side FET so that the value of the high-side FET conduction loss and the high-side FET
switching loss is same, the loss is effectively decreased.
Confirm that the high-side FET loss is within the rating value.
PMainFET = PRON_Main + PSW_Main
PMainFET
: High-side FET loss [W]
PRON_Main : High-side FET conduction loss [W]
PSW_Main
: High-side FET switching loss [W]
High-side FET conduction loss
VOUT
PRON_Main = IOUT_MAX
2
VIN
RON_Main
PRON_Main : High-side FET conduction loss [W]
IOUT_MAX : Maximum load current [A]
VIN
: Power supply voltage [V]
VOUT
: Output voltage [V]
RON_Main : ON resistance of high-side FET [Ω]
The high-side FET switching loss can be calculated roughly by the following formula.
PSW_Main
1.56
VIN
fOSC
IOUT_MAX
QSW
PSW_Main : Switching loss [W]
VIN
: Power supply voltage [V]
fOSC
: Switching frequency [Hz]
IOUT_MAX : Maximum load current [A]
QSW
: Amount of high-side FET gate switch electric charge [C]
MOSFET has a tendency where the gate drive loss increases because the lower drive voltage product has
the bigger amount of gate electric charge (QG). Normally, we recommend a 4 V drive product, however, the
idle period at light load (both the high-side FET and the low-side FET is off-period) gets longer and the gate
drive voltage of the high-side FET may decrease, in the automatic PFM/PWM selection mode. The voltage
drops most at no-load mode. At this time, confirm that the boost voltage (voltage between BST-LX pins) is
a big enough value for the gate threshold value voltage of the high-side FET.
If it is not enough, consider adding the boost diode, increasing the capacitor value of the boost capacitor or
using a 2.5 V (or 1.8 V) drive product to the high-side FET.
Select the ON resistance of low-side FET from the range below.
0.2
0.1
0.015
RON_Sync ≤
ΔIL
, RON_Sync ≤
ΔIL
, RON_Sync ≥
ΔIL
(ILIM −
2
)
RON_Sync
: ON resistance of low-side FET [Ω]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
ILIM
: Over current detection value [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com