Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 25Page - fujitsu semiconductor FREQ Datasheet HTML 26Page - fujitsu semiconductor FREQ Datasheet HTML 27Page - fujitsu semiconductor FREQ Datasheet HTML 28Page - fujitsu semiconductor FREQ Datasheet HTML 29Page - fujitsu semiconductor FREQ Datasheet HTML 30Page - fujitsu semiconductor FREQ Datasheet HTML 31Page - fujitsu semiconductor FREQ Datasheet HTML 32Page - fujitsu semiconductor FREQ Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
29
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Setting switching frequency
The switching frequency is set at the FREQ pin. As for the setting process, see the switching frequency
control function table.
Setting over current limitation
The over current limitation value can be set by adjusting the over current limitation setting resistor value
connected to the ILIM pin.
Calculate the resistor value by the following formula.
ΔIL
RLIM = 10
6
RON_Sync
(ILIM −
2
)
RLIM
: Over current limitation value setting resistor [Ω]
ILIM
: Over current limitation value [A]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
RON_Sync
: ON resistance of low-side FET [Ω]
ILIM
RLIM
IOUT
ILIM
0
If the rate of inductor saturation current is small, the inductor value decreases and the ripple current of
inductor increase when the over-current flows. At that time there is a possibility that the limited output
current increases or is not limited, because the bottom of inductor current is detected. It is necessary to use
the inductor that has enough large rate of inductor saturation current to prevent the overlap current.
Inductor current
Over current
limitation value
Time
ΔIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com