Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREQ Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # FREQ
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FREQ Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button FREQ Datasheet HTML 20Page - fujitsu semiconductor FREQ Datasheet HTML 21Page - fujitsu semiconductor FREQ Datasheet HTML 22Page - fujitsu semiconductor FREQ Datasheet HTML 23Page - fujitsu semiconductor FREQ Datasheet HTML 24Page - fujitsu semiconductor FREQ Datasheet HTML 25Page - fujitsu semiconductor FREQ Datasheet HTML 26Page - fujitsu semiconductor FREQ Datasheet HTML 27Page - fujitsu semiconductor FREQ Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
24
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
EXAMPLE APPLICATION CIRCUIT
VIN
VIN
VIN
VIN
PGND
PGND
VOUT1
PGND
VOUT2
1.0 V, 7 A
1.8 V, 7 A
MB39A214A
12 V
+
+
VOUT1
FB1
EN1
CS1
ILIM1
MODE
FREQ
VOUT2
EN2
CS2
EN2
EN1
GND
PGND
DRVL2
LX2
DRVH2
BST2
DRVL1
LX1
DRVH1
BST1
VB
VCC
ILIM2
FB2
3
19
18
1
24
23
12
13
14
15
21
2
1
Q3
Q3
Q1
56
7
4
3
78
2
1
Q1 56
4
3
L1
L2
8
22
2
5
4
20
17
7
10
9
11
8
16
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com