Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 30Page - Texas Instruments TMS320VC5501 Datasheet HTML 31Page - Texas Instruments TMS320VC5501 Datasheet HTML 32Page - Texas Instruments TMS320VC5501 Datasheet HTML 33Page - Texas Instruments TMS320VC5501 Datasheet HTML 34Page - Texas Instruments TMS320VC5501 Datasheet HTML 35Page - Texas Instruments TMS320VC5501 Datasheet HTML 36Page - Texas Instruments TMS320VC5501 Datasheet HTML 37Page - Texas Instruments TMS320VC5501 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 193 page
background image
Introduction
34
December 2002 − Revised November 2004
SPRS206H
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Oscillator/Clock Pins
CLKOUT
O/Z
F
Clock output. CLKOUT can be set to reflect the clock of the Fast Peripherals Clock
Group, Slow Peripherals Clock Group, and the External Memory Interface Clock Group.
The CLKOUT pin is set to the internal clock SYSCLK1 during and after reset. SYSCLK1 is
set equal to a divided-by-four CLKIN or OSCOUT (depending on the state of the GPIO4
pin) during and after reset. SYSCLK1 is used to clock the Fast Peripheral Clock Group.
X2/CLKIN
I
Clock/oscillator input. If the internal oscillator is not being used, X2/CLKIN functions as
the clock input.
X1
O
Output pin from the internal oscillator for the crystal. If the internal oscillator is not
used, X1 should be left unconnected.
Multichannel Buffered Serial Port Pins
CLKR0
I/O/Z
C, F, G,
H, M
Receive clock input of McBSP0. The CLKR0 pin is configured as input after reset.
DR0
I
L, G
Serial data receive input of McBSP0
FSR0
I/O/Z
F, G, H,
M
Frame synchronization pulse for receive input of McBSP0. The FSR0 pin is
configured as input after reset.
CLKX0
I/O/Z
C, F, G,
H, M
Transmit clock of McBSP0. The CLKX0 pin is configured as input after reset.
DX0
O/Z
F, H, M
Serial data transmit output of McBSP0. The DX0 pin is in a high-impedance state
during and after reset.
FSX0
I/O/Z
F, G, H,
M
Frame synchronization pulse for transmit output of McBSP0. The FSX0 pin is
configured as input after reset.
CLKR1
I/O/Z
C, G,
H, M
Receive clock input of McBSP1. The CLKR1 pin is configured as input after reset.
DR1
I
L, G
Serial data receive input of McBSP1
FSR1
I/O/Z
F, G, H,
M
Frame synchronization pulse for receive input of McBSP1. The FSR1 pin is
configured as input after reset.
DX1
O/Z
F, H, M
Serial data transmit output of McBSP1. The DX1 pin is in a high-impedance state
during and after reset.
CLKX1
I/O/Z
C, F, G,
H, M
Transmit clock of McBSP1. The CLKX1 pin is configured as input after reset.
FSX1
I/O/Z
F, G, H,
M
Frame synchronization pulse for transmit output of McBSP1. The FSX1 pin is
configured as input after reset.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com