Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 13Page - Texas Instruments TMS320VC5501 Datasheet HTML 14Page - Texas Instruments TMS320VC5501 Datasheet HTML 15Page - Texas Instruments TMS320VC5501 Datasheet HTML 16Page - Texas Instruments TMS320VC5501 Datasheet HTML 17Page - Texas Instruments TMS320VC5501 Datasheet HTML 18Page - Texas Instruments TMS320VC5501 Datasheet HTML 19Page - Texas Instruments TMS320VC5501 Datasheet HTML 20Page - Texas Instruments TMS320VC5501 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 193 page
background image
Introduction
17
December 2002 − Revised November 2004
SPRS206H
2.2
Pin Assignments
2.2.1 Ball Grid Array (GZZ and ZZZ)
The TMS320VC5501 is offered in two 201-terminal ball grid array (BGA) packages, both of which include
25 thermal balls to improve thermal dissipation. Except for their Eco-Status (refer to Section 6.2, Packaging
Information), both packages are essentially the same. Figure 2−1 illustrates the ball locations for both BGA
packages. Table 2−1 lists the locations of the thermal balls and Table 2−2 lists the signal names and terminal
numbers.
NOTE:
Some TMX samples were shipped in the GGW package. For more information on the GGW
package, see the TMS320VC5502 and TMS320VC5501 Digital Signal Processors Silicon
Errata (literature number SPRZ020D or later).
6
H
A
1
24
35
D
B
C
G
E
F
R
K
L
J
P
M
N
U
T
16
11
10
8
79
14
12
13
15
17
Figure 2−1. 201-Terminal GZZ and ZZZ Ball Grid Array (Bottom View)
Table 2−1. 201-Terminal GZZ and ZZZ Ball Grid Array Thermal Ball Locations†
BALL NO.
BALL NO.
BALL NO.
BALL NO.
BALL NO.
G7
G8
G9
G10
G11
H7
H8
H9
H10
H11
J7
J8
J9
J10
J11
K7
K8
K9
K10
K11
L7
L8
L9
L10
L11
† For best device thermal performance:
− An array of 25 land pads must be added on the top layer of the PCB where the package will be mounted.
− The PCB land pads should be the same diameter as the vias in the package substrate for optimal Board Level Reliability Temperature Cycle
performance.
− The land pads on the PCB should be connected together and to PCB through-holes. The PCB through-holes should in turn be connected
to the ground plane for heat dissipation.
− A solid internal plane is preferred for spreading the heat.
Refer to the MicroStar BGA
E Packaging Reference Guide (literature number SSYZ015) for guidance on PCB design, surface mount, and
reliability considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com