Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 63Page - Texas Instruments TMS320VC5501 Datasheet HTML 64Page - Texas Instruments TMS320VC5501 Datasheet HTML 65Page - Texas Instruments TMS320VC5501 Datasheet HTML 66Page - Texas Instruments TMS320VC5501 Datasheet HTML 67Page - Texas Instruments TMS320VC5501 Datasheet HTML 68Page - Texas Instruments TMS320VC5501 Datasheet HTML 69Page - Texas Instruments TMS320VC5501 Datasheet HTML 70Page - Texas Instruments TMS320VC5501 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 193 page
background image
Functional Overview
67
December 2002 − Revised November 2004
SPRS206H
Table 3−12. PLL Control/Status Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:7
R
000000000
Reserved. Reads return 0. Writes have no effect.
STABLE
6
R
1
Oscillator output stable. This bit indicates if the OSCOUT output has
stabilized.
STABLE = 0:
Oscillator output is not yet stable.
Oscillator counter is not done counting
41,032 reference clock cycles.
STABLE = 1:
Oscillator output is stable. This is true if
any one of the three cases is true:
a) Oscillator counter has finished counting.
b) Oscillator counter is disabled.
c) Test mode.
LOCK
5
R
0
Lock mode indicator. This bit indicates whether the clock generator
is in its lock mode.
LOCK = 0:
The PLL is in the process of getting a phase
lock.
LOCK = 1:
The clock generator is in the lock mode. The
PLL has a phase lock and the output clock of
the PLL has the frequency determined by the
PLLM register and PLLDIV0 register.
Reserved
4
R
0
Reserved. Reads return 0. Writes have no effect.
PLLRST
3
R/W
1
Asserts RESET to PLL
PLLRST = 0:
PLL reset released
PLLRST = 1:
PLL reset asserted
OSCPWRDN
2
R/W
0
Sets internal oscillator to power-down mode
OSCPWRDN = 0:
Oscillator operational
OSCPWRDN = 1:
Oscillator set to power-down mode based on
state of CLKMD0 bit of Clock Mode Control
Register (CLKMD).
When CLKMD0 = 0, the internal oscillator is set
to power-down mode when the clock generator
is set to its idle mode [CLKIS bit of the IDLE
Status Register (ISTR) becomes 1].
When CLKMD0 = 1, the internal oscillator is set
to power-down mode immediately after the
OSCPWRDN bit is set to 1.
PLLPWRDN
1
R/W
0
Selects PLL power down
PLLPWRDN = 0:
PLL operational
PLLPWRDN = 1:
PLL placed in power-down state
PLLEN
0
R/W
0
PLL mode enable. This bit controls the multiplexer before dividers
D1, D2, and D3.
PLLEN = 0:
Bypass mode. Divider D1 and PLL are
bypassed. SYSCLK1 to 3 divided down
directly from input reference clock.
PLLEN = 1:
PLL mode. Divider D1 and PLL are not
bypassed. SYSCLK1 to 3 divided down from
PLL output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com