Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320VC5501 Datasheet HTML 1Page - Texas Instruments TMS320VC5501 Datasheet HTML 2Page - Texas Instruments TMS320VC5501 Datasheet HTML 3Page - Texas Instruments TMS320VC5501 Datasheet HTML 4Page - Texas Instruments TMS320VC5501 Datasheet HTML 5Page - Texas Instruments TMS320VC5501 Datasheet HTML 6Page - Texas Instruments TMS320VC5501 Datasheet HTML 7Page - Texas Instruments TMS320VC5501 Datasheet HTML 8Page - Texas Instruments TMS320VC5501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 193 page
background image
Revision History
4
December 2002 − Revised November 2004
SPRS206H
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
132
Section 4, Support:
− added Section 4.1, Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
− added Section 4.1.1, Initialization Requirements for Boundary Scan Test
− added Section 4.1.2, Boundary Scan Description Language (BSDL) Model
132
Added section title “4.2 Documentation Support”
132
Section 4.2, Documentation Support:
− updated title of SPRU146 to “TMS320VC5501/5502/5503/5507/5509 DSP Inter-Integrated Circuit (I2C) Module
Reference Guide”
− updated title of SPRU592 to “TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port
(McBSP) Reference Guide”
176
Table 5−43, HPI Read and Write Timing Requirements:
− H13 [tw(DSL)]: deleted “K = 1”, “K = 2”, and “K = 4” column
− H14 [tw(DSH)]:
− deleted “K = 1”, “K = 2”, and “K = 4” column
− changed MIN value from 3P, P, and 1.75P to 2P (ns)
− deleted “K = divider ratio ...” footnote
− added “A host must not initiate transfer requests ...” footnote
177
Table 5−44, HPI Read and Write Switching Characteristics:
− added “A host must not initiate transfer requests ...” footnote
187
Section 6, Mechanical Data:
− deleted 201-terminal GZZ package drawing and 176-pin PGF package drawing
− Mechanical drawings of the 201-terminal GZZ, 201-terminal ZZZ, and 176-pin PGF packages will be appended to this
document via an automated process.
187
Table 6−1, Thermal Resistance Characteristics (Ambient):
− changed “GZZ” to “GZZ, ZZZ”
− updated “Adding thermal vias will significantly improve ...” footnote to include ZZZ package
188
Table 6−2, Thermal Resistance Characteristics (Case):
− changed “GZZ” to “GZZ, ZZZ”
189
Added Section 6.2, Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com