Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 32Page - Texas Instruments TMS320VC5501 Datasheet HTML 33Page - Texas Instruments TMS320VC5501 Datasheet HTML 34Page - Texas Instruments TMS320VC5501 Datasheet HTML 35Page - Texas Instruments TMS320VC5501 Datasheet HTML 36Page - Texas Instruments TMS320VC5501 Datasheet HTML 37Page - Texas Instruments TMS320VC5501 Datasheet HTML 38Page - Texas Instruments TMS320VC5501 Datasheet HTML 39Page - Texas Instruments TMS320VC5501 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 193 page
background image
Introduction
36
December 2002 − Revised November 2004
SPRS206H
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Test Pins
TCK
I
C, J
IEEE standard 1149.1 test clock. TCK is normally a free-running clock signal with a 50%
duty cycle. The changes on test access port (TAP) of input signals TMS and TDI are
clocked into the TAP controller, instruction register, or selected test data register on the
rising edge of TCK. Changes at the TAP output signal (TDO) occur on the falling edge of
TCK. Refer to Section 3.17, Notice Concerning TCK, for important information regarding
this pin.
TDI
I
J
IEEE standard 1149.1 test data input. Pin with internal pullup device. TDI is clocked into
the selected register (instruction or data) on a rising edge of TCK.
TDO
O/Z
IEEE standard 1149.1 test data output. The contents of the selected register (instruction
or data) are shifted out of TDO on the falling edge of TCK. TDO is in the high-impedance
state except when the scanning of data is in progress.
TMS
I
J
IEEE standard 1149.1 test mode select. Pin with internal pullup device. This serial
control input is clocked into the TAP controller on the rising edge of TCK.
TRST
I
C, L, K
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE standard 1149.1
scan system control of the operations of the device. If TRST is not connected or driven
low, the device operates in its functional mode, and the IEEE standard 1149.1 signals are
ignored. Pin has an internal pulldown device.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com