Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 70Page - Texas Instruments TMS320VC5501 Datasheet HTML 71Page - Texas Instruments TMS320VC5501 Datasheet HTML 72Page - Texas Instruments TMS320VC5501 Datasheet HTML 73Page - Texas Instruments TMS320VC5501 Datasheet HTML 74Page - Texas Instruments TMS320VC5501 Datasheet HTML 75Page - Texas Instruments TMS320VC5501 Datasheet HTML 76Page - Texas Instruments TMS320VC5501 Datasheet HTML 77Page - Texas Instruments TMS320VC5501 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 193 page
background image
Functional Overview
74
December 2002 − Revised November 2004
SPRS206H
3.9.5.9
CLKOUT3 Select Register (CK3SEL)
This register controls which clock is output onto the CLKOUT3 so that it may be used to test and debug
the PLL (in addition to its normal function of being a direct input clock divider). Modes other than
CK3SEL = 1011 are intended for debug use only and should not be used during normal operation.
15
8
Reserved
R, 00000000
74
30
Reserved
CK3SEL
R, 0000
R/W, 1011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−23. CLKOUT3 Select Register Layout (0x1C82)
Table 3−20. CLKOUT3 Select Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:4
R
000000000000
Reserved. Reads return 0. Writes have no effect.
CK3SEL
3:0
R/W
1011
Output on CLK3SEL pin†
CK3SEL = 1001
CLKOUT3 becomes point A in Figure 3−14
CK3SEL = 1010
CLKOUT3 becomes point B in Figure 3−14
CK3SEL = 0000−0111
CLKOUT3 becomes oscillator divider output
in Figure 3−14
CK3SEL = 1011
CLKOUT3 becomes point C in Figure 3−14
CK3SEL = Other
Not supported
† The different options for the CLKOUT3 signal are intended for test purposes; it is recommended that the CK3SEL bits of the CK3SEL register
be kept at their default value of ‘1011b’ during normal operation.
3.9.5.10 CLKOUT Selection Register (CLKOUTSR)
As described in Section 3.9.2, Clock Groups, the 5501 has different clock groups, each of which can be driven
by a clock that is different from the CPU clock. The CLKOUT Selection Register determines which clock signal
is reflected on the CLKOUT pin.
15
8
Reserved
R, 00000000
73
2
1
0
Reserved
CLKOSEL
CLKOUTDIS
R, 00000
R/W, 01
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−24. CLKOUT Selection Register Layout (0x8400)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com