Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 26Page - Texas Instruments TMS320VC5501 Datasheet HTML 27Page - Texas Instruments TMS320VC5501 Datasheet HTML 28Page - Texas Instruments TMS320VC5501 Datasheet HTML 29Page - Texas Instruments TMS320VC5501 Datasheet HTML 30Page - Texas Instruments TMS320VC5501 Datasheet HTML 31Page - Texas Instruments TMS320VC5501 Datasheet HTML 32Page - Texas Instruments TMS320VC5501 Datasheet HTML 33Page - Texas Instruments TMS320VC5501 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 193 page
background image
Introduction
30
December 2002 − Revised November 2004
SPRS206H
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Host Port − Data Bus
HD[7:0]
I/O/Z
C, D, F,
G, H, M
The HD[7:0] pins of the Host Port serve one of two functions: parallel general-purpose
input/output (PGPIO) signals PGPIO[43:36] or host-port interface (HPI) data bus signals
HPI.HD[7:0]. The function of the HD[7:0] pins is determined by the state of the GPIO6 pin
during reset. The HD[7:0] pins are set to PGPIO[43:36] if GPIO6 is low during reset. The
HD[7:0] pins are set to HPI.HD[7:0] if GPIO6 is high during reset. The function of the
HD[7:0] pins will be set once the device is taken out of reset (RESET pin transitions from a
low to high state).
The HD[7:0] bus includes bus holders to reduce the static power dissipation caused by
floating, unused pins. The bus holders also eliminate the need for external bias resistors
on unused pins. When the bus goes into a high-impedance state, the bus holders keep the
address bus at the logic level that was most recently driven. The bus holders are enabled
at reset and can be enabled/disabled through the External Bus Control Register (XBCR).
PGPIO[43:36]
I/O/Z
Parallel general-purpose I/O. PGPIO[43:36] is selected when GPIO6 is low during
reset. The PGPIO[43:36] signals are configured as inputs after reset.
HPI.HD[7:0]
I/O/Z
Host data bus. HPI.HD[7:0] is selected when GPIO6 is high during reset. The
HPI.HD[7:0] signals are configured as inputs after reset.
The HPI will operate in multiplexed mode when GPIO6 is high during reset. In multiplexed
mode, an 8-bit data bus (HPI.HD[7:0]) carries both address and data. Each host cycle on
the bus consists of two consecutive 8-bit transfers.
Host Port − Control Pins
HC0
I/O/Z
C, F, G,
The HC0 pin of the Host Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO44 or host-port interface (HPI) signal HPI.HAS. The
function of the HC0 pin is determined by the state of the GPIO6 pin during reset. The HC0
pin is set to PGPIO44 if GPIO6 is low during reset. The HC0 pin is set to HPI.HAS if GPIO6
is high during reset. The function of the HC0 pin will be set once the device is taken out of
reset (RESET pin transitions from a low to high state).
PGPIO44
I/O/Z
C, F, G,
H, J, M
Parallel general-purpose I/O. PGPIO44 is selected when GPIO6 is low during reset.
The PGPIO44 signal is configured as an input after reset.
HPI.HAS
I
Host address strobe. HPI.HAS is selected when GPIO6 is high during reset. The
HPI.HAS signal is configured as an input after reset.
Hosts with multiplexed address and data pins may require HPI.HAS to latch the address in
the HPIA register. HPI.HAS is only available when the HPI is operating in multiplexed
mode.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com