Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 75Page - Texas Instruments TMS320VC5501 Datasheet HTML 76Page - Texas Instruments TMS320VC5501 Datasheet HTML 77Page - Texas Instruments TMS320VC5501 Datasheet HTML 78Page - Texas Instruments TMS320VC5501 Datasheet HTML 79Page - Texas Instruments TMS320VC5501 Datasheet HTML 80Page - Texas Instruments TMS320VC5501 Datasheet HTML 81Page - Texas Instruments TMS320VC5501 Datasheet HTML 82Page - Texas Instruments TMS320VC5501 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 193 page
background image
Functional Overview
79
December 2002 − Revised November 2004
SPRS206H
3.10.2.6 IDLE3 Mode
In IDLE3 mode, all modules (including the CLOCK module) are set to idle state. To place the 5501 in IDLE3
mode, perform the following steps:
1.
Clear (i.e., set to ‘0’) the PLLEN bit in PLLCSR to place the PLL in bypass mode.
2.
Set the PLLPWRDN and PLLRST bits in PLLCSR to ‘1’.
3.
Write a ‘1’ to all peripheral module bits in PICR (write 0x3FFF to PICR).
4.
Write a ‘1’ to the HPI and DMA bits in MICR (write 0x0003 to MICR).
5.
Write a ‘1’ to all domain bits and bit 9 in the ICR (write 0x03FF to ICR).
6.
Execute the IDLE instruction.
7.
PLL core is set to power-down mode and all internal clocks are disabled.
3.10.2.7 IDLE3 Mode With Internal Oscillator Disabled
In this state, all modules (including the CLOCK module) are set to the idle state and the internal oscillator is
set to the power-down mode. This is the lowest power-consuming state that 5501 can be placed under.
1.
Clear (i.e., set to ‘0’) the PLLEN bit in PLLCSR to place the PLL in bypass mode.
2.
Set the PLLPWRDN, PLLRST, and OSCPWRDN bits in PLLCSR to ‘1’.
3.
Set the WKEN register to specify which event will wake up internal oscillator [e.g., set bit 1 to have
interrupt 0 (INT0) wake up the oscillator].†
4.
Write a ‘1’ to all peripheral module bits in PICR (write 0x3FFF to PICR).
5.
Write a ‘1’ to the HPI and DMA bits in MICR (write 0x0003 to MICR).
6.
Write a ‘1’ to all domain bits and bit 9 in the ICR (write 0x03FF to ICR).
7.
Execute the IDLE instruction.
8.
Internal oscillator is set to power-down mode, PLL core is set to power-down mode, and all internal clocks
are disabled.
Note that the internal oscillator can be awakened through an NMI or external interrupt as long as that event
is specified in the Oscillator Wakeup Control Register and, in the case of an external interrupt, the interrupt
is enabled in the CPU’s Interrupt Enable Register.
† Maskable external interrupts must be enabled through IER prior to setting the 5501 to IDLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com