Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 18Page - Texas Instruments TMS320VC5501 Datasheet HTML 19Page - Texas Instruments TMS320VC5501 Datasheet HTML 20Page - Texas Instruments TMS320VC5501 Datasheet HTML 21Page - Texas Instruments TMS320VC5501 Datasheet HTML 22Page - Texas Instruments TMS320VC5501 Datasheet HTML 23Page - Texas Instruments TMS320VC5501 Datasheet HTML 24Page - Texas Instruments TMS320VC5501 Datasheet HTML 25Page - Texas Instruments TMS320VC5501 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 193 page
background image
Introduction
22
December 2002 − Revised November 2004
SPRS206H
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Parallel Port − Data Bus
D[31:16]
I/O/Z
C, D, E,
F, G, H,
M
The D[31:16] pins of the Parallel Port serve one of two functions: parallel general-purpose
input/output (PGPIO) signals PGPIO[19:4] or external memory interface (EMIF) data bus
signals EMIF.D[31:16]. The function of the D[31:16] pins is determined by the state of the
GPIO6 pin during reset. The D[31:16] pins are set to PGPIO[19:4] if GPIO6 is low during
reset. The D[31:16] pins are set to EMIF.D[31:16] if GPIO6 is high during reset. The
function of the D[31:16] pins will be set once the device is taken out of reset (RESET pin
transitions from a low to high state).
The D[31:16] bus includes bus holders to reduce the static power dissipation caused by
floating, unused pins. The bus holders also eliminate the need for external bias resistors
on unused pins. When the bus goes into a high-impedance state, the bus holders keep the
data bus at the logic level that was most recently driven. The bus holders are enabled at
reset and can be enabled/disabled through the External Bus Control Register (XBCR).
PGPIO[19:4]
I/O/Z
Parallel general-purpose I/O. PGPIO[19:4] is selected when GPIO6 is low during reset.
The PGPIO[19:4] signals are configured as inputs after reset.
EMIF.D[31:16]
I/O/Z
EMIF data bus. EMIF.D[31:16] is selected when GPIO6 is high during reset. The
EMIF.D[31:16] signals are set as inputs after reset.
D[15:0]
I/O/Z
C, D, E,
F, M
The D[15:0] pins of the Parallel Port serve one of two functions: external memory interface
(EMIF) data bus signals EMIF.D[15:0] or reserved pins. The function of the D[15:0] pins is
determined by the state of the GPIO6 pin during reset. The D[15:0] pins are reserved if
GPIO6 is low during reset. The D[15:0] pins are set to EMIF.D[15:0] if GPIO6 is high during
reset. The function of the D[15:0] pins will be set once the device is taken out of reset
(RESET pin transitions from a low to high state).
The D[15:0] bus includes bus holders to reduce the static power dissipation caused by
floating, unused pins. The bus holders also eliminate the need for external bias resistors
on unused pins. When the bus goes into a high-impedance state, the bus holders keep the
data bus at the logic level that was most recently driven. The bus holders are enabled at
reset and can be enabled/disabled through the External Bus Control Register (XBCR).
Reserved
I/O/Z
Reserved pins. These pins are reserved when GPIO6 is low during reset.
EMIF.D[15:0]
I/O/Z
EMIF data bus. EMIF.D[15:0] is selected when GPIO6 is high during reset. The
EMIF.D[15:0] signals are configured as inputs after reset.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com