Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 48Page - Texas Instruments TMS320VC5501 Datasheet HTML 49Page - Texas Instruments TMS320VC5501 Datasheet HTML 50Page - Texas Instruments TMS320VC5501 Datasheet HTML 51Page - Texas Instruments TMS320VC5501 Datasheet HTML 52Page - Texas Instruments TMS320VC5501 Datasheet HTML 53Page - Texas Instruments TMS320VC5501 Datasheet HTML 54Page - Texas Instruments TMS320VC5501 Datasheet HTML 55Page - Texas Instruments TMS320VC5501 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 193 page
background image
Functional Overview
52
December 2002 − Revised November 2004
SPRS206H
3.4.2 Timer Pins
The 5501 has one pin for each timer: TIM0 for Timer 0, TIM1 for Timer 1, and NMI/WDTOUT for the Watchdog
Timer. Either the output (TOUT) or input (TIN) signal can be connected to the timer pin (see Figure 3−7). When
the timer pin is configured as an output, the TOUT signal is connected to the pin. The TIN signal is connected
to the pin when the pin is configured as an input. Each pin can be configured as input or output through the
Timer Signal Selection Register (TSSR) (bits TIM0_MODE, TIM1_MODE, and WDT_MODE).
TIM0_MODE
TIM0
TIM1_MODE
TIM1
Timer0
TIN
TOUT
TOUT
TIN
Timer1
WDT_MODE
NMI/WDTOUT
Watchdog
Timer
TSSR
TMS320VC5501 DSP
TOUT
TIN
Figure 3−7. Timer Pins
When configured as input, the timer pin can be used to source an external clock to the timer. Also, when the
timer pin is configured as input and the timer is running off an internal clock, the timer pin can be used to start
or stop count of the timer (clock gating).
When the timer pin is configured as an output, the timer pin can signal a pulse (pulse mode) or a change of
state (clock mode) when the timer count matches its period.
The NMI/WDTOUT pin has two functions: Watchdog Timer pin or NMI pin. The NMI/WDTOUT_CFG bit of the
TSSR controls the function of this pin. It is possible to configure the NMI/WDTOUT pin as NMI
(NMI/WDTOUT_CFG = ‘1’) and also connect the Watchdog Timer TINT signal to the NMI signal
(IWCON = ‘10’). In this case, the external NMI signal will be overridden by the TINT signal of the Watchdog
Timer, i.e., applying a signal to the NMI/WDTOUT pin will not generate the non-maskable interrupt NMI.
For all three timers (Timer 0, Timer 1, and the Watchdog Timer), both the TIN and TOUT signals can be used
for general-purpose input/output. The timer pin must be configured for input to use the TIN signal as
general-purpose input/output. The timer pin can be configured as an input by setting the pin mode bit of the
Timer Signal Selection Register (TSSR) to ‘0’. The TOUT signal can be used as general-purpose input/output
if the timer pin is configured for output. The timer pin can be configured as an output by setting the pin mode
bit of the TSSR to ‘1’. The GPIO Enable Register (GPEN), GPIO Direction Register (GPIODIR), and the GPIO
Data Register (GPDAT) of each timer can be used to control the state of the timer pins when used as
general-purpose input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com