Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 23Page - Texas Instruments TMS320VC5501 Datasheet HTML 24Page - Texas Instruments TMS320VC5501 Datasheet HTML 25Page - Texas Instruments TMS320VC5501 Datasheet HTML 26Page - Texas Instruments TMS320VC5501 Datasheet HTML 27Page - Texas Instruments TMS320VC5501 Datasheet HTML 28Page - Texas Instruments TMS320VC5501 Datasheet HTML 29Page - Texas Instruments TMS320VC5501 Datasheet HTML 30Page - Texas Instruments TMS320VC5501 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 193 page
background image
Introduction
27
December 2002 − Revised November 2004
SPRS206H
Table 2−4. Signal Descriptions (Continued)
Pin
Name
Function
Other‡
Pin
Type†
Multiplexed
Signal Name
Parallel Port − Control Pins (Continued)
C10
I/O/Z
C, D, E,
F, G, H,
The C10 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO30 or external memory interface control signal
EMIF.BE2. The function of the C10 pin is determined by the state of the GPIO6 pin during
reset. The C10 pin is set to PGPIO30 if GPIO6 is low during reset. The C10 pin is set to
EMIF.BE2 if GPIO6 is high during reset. The function of the C10 pin will be set once the
device is taken out of reset (RESET pin transitions from a low to high state).
PGPIO30
I/O/Z
F, G, H,
M
Parallel general-purpose I/O. PGPIO30 is selected when GPIO6 is low during reset.
The PGPIO30 signal is configured as an input after reset.
EMIF.BE2
O/Z
EMIF byte-enable 2 control. EMIF.BE2 is selected when GPIO6 is high during reset. The
EMIF.BE2 signal is in a high-impedance state during reset and is set to output after reset
with an output value of 1.
C11
I/O/Z
C, D, E,
F, G, H,
The C11 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO31 or external memory interface control signal
EMIF.BE3. The function of the C11 pin is determined by the state of the GPIO6 pin during
reset. The C11 pin is set to PGPIO31 if GPIO6 is low during reset. The C11 pin is set to
EMIF.BE3 if GPIO6 is high during reset. The function of the C11 pin will be set once the
device is taken out of reset (RESET pin transitions from a low to high state).
PGPIO31
I/O/Z
F, G, H,
M
Parallel general-purpose I/O. PGPIO31 is selected when GPIO6 is low during reset.
The PGPIO31 signal is configured as an input after reset.
EMIF.BE3
O/Z
EMIF byte-enable 3 control. EMIF.BE3 is selected when GPIO6 is high during reset. The
EMIF.BE3 signal is in a high-impedance state during reset and is set to output after reset
with an output value of 1.
C12
I/O/Z
C, D, E,
F, G, H,
The C12 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO32 or external memory interface control signal
EMIF.SDCKE. The function of the C12 pin is determined by the state of the GPIO6 pin
during reset. The C12 pin is set to PGPIO32 if GPIO6 is low during reset. The C12 pin is
set to EMIF.SDCKE if GPIO6 is high during reset. The function of the C12 pin will be set
once the device is taken out of reset (RESET pin transitions from a low to high state).
PGPIO32
I/O/Z
F, G, H,
M
Parallel general-purpose I/O. PGPIO32 is selected when GPIO6 is low during reset.
The PGPIO32 signal is configured as an input after reset.
EMIF.SDCKE
O/Z
EMIF SDRAM clock-enable. EMIF.SDCKE is selected when GPIO6 is high during reset.
The EMIF.SDCKE signal is in a high-impedance state during reset and is set to output
after reset with an output value of 1.
† I = Input, O = Output, S = Supply, Z = High impedance
‡ Other Pin Characteristics:
A − Internal pullup [always enabled]
B − Internal pulldown [always enabled]
C − Hysteresis input
D − Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E − Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode.
If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F − Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G − Pin can be configured as a general-purpose input.
H − PIn can be configured as a general-purpose output.
J
− Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K − Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L
− Fail-safe pin
M − Pin is in high-impedance during reset (RESET pin is low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com