Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 60Page - Texas Instruments TMS320VC5501 Datasheet HTML 61Page - Texas Instruments TMS320VC5501 Datasheet HTML 62Page - Texas Instruments TMS320VC5501 Datasheet HTML 63Page - Texas Instruments TMS320VC5501 Datasheet HTML 64Page - Texas Instruments TMS320VC5501 Datasheet HTML 65Page - Texas Instruments TMS320VC5501 Datasheet HTML 66Page - Texas Instruments TMS320VC5501 Datasheet HTML 67Page - Texas Instruments TMS320VC5501 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 193 page
background image
Functional Overview
64
December 2002 − Revised November 2004
SPRS206H
3.9.3 EMIF Input Clock Selection
The EMIF may be clocked from an external asynchronous clock source through the ECLKIN pin if a specific
EMIF frequency is needed. The source for the EMIF clock can be specified through the EMIFCLKS pin. If
EMIFCLKS is low, then the EMIF will be clocked via the same internal clock that feeds the data bridge module
and performance will be optimal. If EMIFCLKS is high, then an external asynchronous clock, which can be
taken up to 100 MHz, will clock the EMIF. The data throughput performance may be degraded due to
synchronization issues when an external clock source is used for the EMIF.
3.9.4 Changing the Clock Group Frequencies
DSP software can be used to change the clock frequency of each clock group by setting adequate values in
the PLL control registers. Figure 3−14 shows which PLL control registers affect the different portions of the
clock generator. The following sections describe the procedures for changing the frequencies of each clock
group.
Point A
Divider
D0
Point B
PLL Core
Multiplier M1
Divider
D1
Divider
D2
Divider
D3
Divider
OD1
PLLM
PLLDIV0
PLLDIV2
PLLDIV1
CK3SEL
WKEN
OSCDIV1
PLLDIV3
PLLCSR
PLLEN
Point C
Oscillator Power-Down Control
SYSCLK1
SYSCLK2
SYSCLK3
CLKOUT3
OSCOUT
X2/CLKIN
CLKMD0
1
1
0
0
Figure 3−14. Clock Generator Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com