Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5501 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 67Page - Texas Instruments TMS320VC5501 Datasheet HTML 68Page - Texas Instruments TMS320VC5501 Datasheet HTML 69Page - Texas Instruments TMS320VC5501 Datasheet HTML 70Page - Texas Instruments TMS320VC5501 Datasheet HTML 71Page - Texas Instruments TMS320VC5501 Datasheet HTML 72Page - Texas Instruments TMS320VC5501 Datasheet HTML 73Page - Texas Instruments TMS320VC5501 Datasheet HTML 74Page - Texas Instruments TMS320VC5501 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 193 page
background image
Functional Overview
71
December 2002 − Revised November 2004
SPRS206H
Table 3−16. PLL Divider 2 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D2EN
15
R/W
1
Divider D2 enable
D2EN = 0:
Divider 2 disabled
D2EN = 1:
Divider 2 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV2
4:0
R/W
00011
Divider D2 ratio (SYSCLK2 divider)
PLLDIV2 = 00000:
Divide by 1
PLLDIV2 = 00001:
Divide by 2
PLLDIV2 = 00010:
Reserved
PLLDIV2 = 00011:
Divide by 4
PLLDIV2 = 00100−11111: Reserved
3.9.5.6
PLL Divider3 Register (PLLDIV3) for SYSCLK3
This register controls the value of the divider D3 for SYSCLK3. It is in both the BYPASS and PLL paths.
15
14
8
D3EN
Reserved
R/W, 1
R, 0000000
75
4
0
Reserved
PLLDIV3
R, 000
R/W, 00011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−20. PLL Divider 3 Register Layout (0x1C90)
Table 3−17. PLL Divider 3 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D3EN
15
R/W
1
Divider D3 enable
D3EN = 0:
Divider 3 disabled
D3EN = 1:
Divider 3 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV3
4:0
R/W
00011
Divider D3 ratio (SYSCLK3 divider)
PLLDIV3 = 00000:
Divide by 1
PLLDIV3 = 00001:
Divide by 2
PLLDIV3 = 00010:
Reserved
PLLDIV3 = 00011:
Divide by 4
PLLDIV3 = 00100−11111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com